Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM836 Datasheet(PDF) 4 Page - DFI Inc

Part # COM836
Description  COM HPC® Carrier Board Extend ATX form factor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

COM836 Datasheet(HTML) 4 Page - DFI Inc

  COM836 Datasheet HTML 1Page - DFI Inc COM836 Datasheet HTML 2Page - DFI Inc COM836 Datasheet HTML 3Page - DFI Inc COM836 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 19, 2023 DFI Inc.
ORDERING INFORMATION
• 1 COM836 board
• Serial ATA data cable (Length: 500mm)
332-553001-005G
PACKING LIST
OPTIONAL ITEMS
Model Name
Part Number
2.5 GbE
USB 3.2
Power
Temp.
COM836
770-COM8361-000G
2
4
ATX/AT
0°C ~ 60°C
GRAPHICS
Display
1 x HDMI
2 x DP++
1 x eDP
EXPANSION
Interface
1 x PCIe x16
5 x PCIe x4
1 x M.2 B Key 3052
1 x M.2 E Key 2242
1 x M.2 M key 2242/2260/2280
AUDIO
Audio Codec
Realtek ALC888
I/O
Ethernet
2 x 2.5 GbE (RJ-45)
USB
2 x USB 3.2 Gen1 type A
2 x USB 3.2 Gen2x2 type C
Audio
1 x Line-in
1 x Line-out
1 x Mic-in
INTERNAL I/O
Serial
2 x COM (TX/RX/CTS/RTS)
Display
1 x eDP LCD Panel Connector
Audio
1 x Audio (Line-out/Line-in/Mic-in)
1 x S/PDIF
SATA
2 x SATA 3.0
NBASET SDP
2 x NBASET SDP
GPIO
1 x 8-bit GPIO
1 x 4-bit GPIO
eSPI
1 x eSPI expansion
GP SPI
1 x GP SPI
SIM
1 x SIM slot
SMBus
1 x SMBus
POWER
Type
8-20V, 5VSB, VCC_RTC (ATX mode)
8-20V, VCC_RTC (AT mode)
Connector
2x 4-pin power connector
RTC Battery
CR2032 Coin Cell
ENVIRONMENT
Temperature
Operating: 0°C ~ 60°C
Storage: -40°C ~ 85°C
Humidity
Operating: 5% ~ 90% RH
Storage: 5% ~ 90% RH
MTBF
TBD
MECHANICAL
Dimensions
Extend ATX Form Factor
325mm x 340mm
Compliance
PICMG COM HPC® R2.0 carrier board
Client size A, B, C
CERTIFICATIONS
Certifications
CE, FCC, RoHS
SPECIFICATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com