Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS170-H310 Datasheet(PDF) 2 Page - DFI Inc

Part # CS170-H310
Description  9th/8th Gen Intel® CoreTM Processor Mini-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS170-H310 Datasheet(HTML) 2 Page - DFI Inc

  CS170-H310 Datasheet HTML 1Page - DFI Inc CS170-H310 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CS170-H310
Specifications
Packing List
Optional Items
• 1 CS170 motherboard
• 1 Serial ATA data cable (Length: 500mm)
332-553001-005G
• 1 I/O shield
A49-CVL000-A10G
• USB port cable (Length: 200mm)
A81-001032-016G
• Serial ATA data cable (Length: 500mm)
332-553001-005G
• Thermal solution (For 35W, Height: 37.3mm)
A71-103004-000G
• Thermal solution (For 65W, Height: 74.47mm)
A71-101158-000G
• Thermal solution (For 95W, Height: 77.2mm)
761-103001-000G
SYSTEM
Processor
9th Generation Intel® Core™ Processors, LGA 1151 Socket, TDP up to 95W
Intel® Xeon E-2278GE Processor (Core 8; Max speed 4.7 GHz; TDP 80W) (support ECC memory)
Intel® Core i9-9900K Processor (Core 8, Max speed 5.0 GHz; TDP 95W) (Non-LTS)
Intel® Core i7-9700E Processor (Core 8; Max speed 4.4 GHz; TDP 65W)
Intel® Core i7-9700TE Processor (Core 8; Max speed 3.8 GHz; TDP 35W)
Intel® Core i5-9500E Processor (Core 6; Max speed 4.2 GHz; TDP 65W)
Intel® Core i5-9500TE Processor (Core 6; Max speed 3.6 GHz; TDP 35W)
Intel® Core i3-9100E Processor (Core 4; Max speed 3.7 GHz; TDP 65W) (support ECC memory)
Intel® Core i3-9100TE Processor (Core 4; Max speed 3.2 GHz; TDP 35W) (support ECC memory)
8th Generation Intel® Core™ Processors, LGA 1151 Socket, TDP up to 95W
Intel® Xeon E-2176G Processor (Core 6; Max speed 4.7 GHz; TDP 80W) (support ECC memory)
Intel® Core™ i7-8700 Processor (Core 6; Max speed 4.6 GHz; TDP 65W)
Intel® Core™ i7-8700T Processor (Core 6; Max speed 4.0 GHz; TDP 35W)
Intel® Core™ i5-8500 Processor (Core 6; Max speed 4.1 GHz; TDP 65W)
Intel® Core™ i5-8500T Processor (Core 6; Max speed 3.5 GHz; TDP 35W)
Intel® Core™ i3-8100 Processor (Core 4; Max speed 3.6 GHz; TDP 65W) (support ECC memory)
Intel® Core™ i3-8100T Processor (Core 4; Max speed 3.1 GHz; TDP 35W) (support ECC memory)
Intel® Pentium G5400 Processor (Core 2; Max speed 3.7 GHz; TDP 58W) (support ECC memory)
Intel® Celeron G4900 Processor (Core 2; Max speed 3.1 GHz; TDP 54W) (support ECC memory)
Memory
Dual Channel DDR4 2400/2666MHz
Two 260-pin non-ECC SODIMM up to 32GB
Chipset
Intel® H310 Chipset
BIOS
AMI SPI 128Mbit
GRAPHICS
Controller
Intel® UHD Graphics 630 (Pentium G5400 and Celeron G4900 support Intel® UHD Graphics 610)
Feature
OpenGL 4.5, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: AVC/H.264, MPEG2, JPEG, HEVC/H265, VP8, VP9
Display
1 x LVDS
1 x VGA
2 x DP++
LVDS: resolution up to 1920x1200 @ 60Hz
VGA: resolution up to 1920x1200 @ 60Hz
DP++: resolution up to 4096x2304 @ 60Hz
Dual Displays
LVDS + VGA, LVDS + DP++, VGA + DP++, DP++ + DP++
EXPANSION
Interface
1 x PCIe x16 (Gen3) (Max. 75W)
1 x M.2 2280 M Key (PCIe x1 Gen2) (support NVMe)
1 x M.2 2230 E Key (USB/PCIe x1 Gen2)
AUDIO
Audio Codec
Realtek ALC888/887
ETHERNET
Controller
1 x Intel® I219V PHY (10/100/1000Mbps)
1 x Intel® I210AT PCIe (10/100/1000Mbps)
REAR I/O
Ethernet
2 x GbE (RJ-45)
USB
4 x USB 3.1 Gen1
2 x USB 2.0
Display
1 x VGA (DB-15)
2 x DP++
Serial
2 x RS-232 (DB-9)
Audio
1 x Line-out
1 x Mic-in
1 x Line-in
INTERNAL I/O
Display
1 x LVDS
1 x LCD/Inverter Power
Audio
1 x Front Audio (2.00mm pitch)
USB
2 x USB 2.0 (2.00mm pitch)
SATA
2 x SATA 3.0 (up to 6Gb/s)
DIO
1 x 8-bit DIO
1 x DIO Power
LPC
1 x LPC
SMBus
1 x SMBus
WATCHDOG TIMER Output & Interval System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
dTPM2.0 (default)
POWER
Type
ATX
Connector
4-pin ATX 12V power
24-pin ATX power
RTC Battery
CR2032 Coin Cell
Consumption
TBD
OS SUPPORT
Microsoft/Linux
Windows 10 IoT Enterprise 64-bit
Linux
ENVIRONMENT
Temperature
Operating: -5 to 65°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
TBD
MECHANICAL
Dimensions
Mini-ITX Form Factor
170mm (6.7") x 170mm (6.7")
Height
PCB: 1.6mm
Top Side: 20mm, Bottom Side: 3mm
CERTIFICATIONS
CE, FCC Class B, RoHS
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © February 6, 2024 DFI Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com