Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS170-H310 Datasheet(PDF) 1 Page - DFI Inc

Part # CS170-H310
Description  9th/8th Gen Intel® CoreTM Processor Mini-ITX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS170-H310 Datasheet(HTML) 1 Page - DFI Inc

  CS170-H310 Datasheet HTML 1Page - DFI Inc CS170-H310 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Information
CS170-H310
Mechanical Drawing
Block Diagram
170
Features
9th/8th Gen Intel® CoreTMProcessor
Mini-ITX
Channel A
2400/2666MHz
Channel B
2400/2666MHz
Audio Jack
Line-out/Mic-in/Line-in
S/PDIF
Front Audio
USB 3.1 Gen 1
H310
DMI 2.0
PCIe x8
USB 2.0
DDR4 DIMM 2x
DDR4 DIMM 2x
LGA 1151
DDI
VGA
ALC888/887
PCIe x16
PTN3460
MDI
DP++
eDP
PCIe x1
GLAN I219V
SPI BIOS
SPI Bus
DDI
DP++
SATA 3.0 2x
HDA
Super I/O with WDT
FAN Control
H/W Monitor
Case Open
MDI
LAN 1x
USB 3.1 Gen1 2x
USB 3.1 Gen 1
USB 2.0
PCIe x1
GLAN I210AT
MDI
USB 2.0
LPC
USB 2.0 2x
RS232 1x
LPC
LPC Header
SPI Header
DDI
eDP Switch
LVDS
PCIe
M.2 E key
SATA 3.0
PCIe
M.2 M key
USB 2.0
PTN3355
R.G.B
LAN 1x
USB 3.1 Gen1 2x
RS232 1x
CNVi
TPM 2.0
• 2 DDR4 2400/2666MHz SODIMM up to 32GB
• Dual independent display: LVDS + VGA, LVDS + DP++, VGA
+ DP++, DP++ + DP++
• DP++ resolution supports up to 4096x2304 @ 60Hz
• Multiple Expansions:
1 PCIe x16 Gen 3, 1 M.2 2230 E Key, 1 M.2 2280 M
Key
• Storage: 2 SATA 3.0
• Rich I/O: 2 Intel GbE, 2 COM, 4 USB 3.1 Gen 1, 2 USB 2.0
DP++
LAN 1
PCIe x16
DDR4_1
SODIMM
DDR4_2
SODIMM
LAN 2
LPC
Line-out
System Fan
DIO
Front Panel
DIO
Power
Mic-in
Intel Core
i9/i7/i5/i3
4K2K
Display
4096x2304
Model Name
P/N
Memory LVDS/
eDP
Display GbE COM USB 3.1 Gen 1 USB 2.0 M.2 M M.2 E SATA 3.0 Power Conn Temp.
CS170-H310DB 770-CS1702-000G 2 DDR4 LVDS 2HDMI/
DP++
2
2
4
2
1
1
2
24-pin ATX
-5 to 65°C
COM 2
LVDS
SATA 3.0
Desktop
USB 3.1
Gen 1
COM 1
VGA
DP++
USB 2.0
USB 2.0
ATX power
DDR4
COM ESD
Protection
air gap ±15kv
CPU Fan
H310
Line-in
SPI
DP++
M.2 M Key
BAT
Front
Audio
12V power
Buzzer
M.2 E Key
USB 2.0
2 Displays


Similar Part No. - CS170-H310

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CS170-C246 DFI-CS170-C246 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor Mini-ITX
CS170-Q370 DFI-CS170-Q370 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor Mini-ITX
More results

Similar Description - CS170-H310

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
WL051 DFI-WL051 Datasheet
877Kb / 2P
8th Gen Intel Core Processor 2.5" Pico-ITX
logo
Advantech Co., Ltd.
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
logo
AAEON Technology
MIX-H310A1 AAEON-MIX-H310A1 Datasheet
689Kb / 2P
Mini-ITX with 8th/9th Gen Intel® Core™ Processor Family, Max. 65W TDPs, Giga-LAN x 4
2022/10/31
MIX-Q370A1 AAEON-MIX-Q370A1 Datasheet
670Kb / 2P
Mini-ITX with 8th/9th Gen Intel® Core™ Processor Family, Max. 65W TDPs, Giga-LAN x 4
2022/10/31
logo
BCM Advanced Research.
MX310H BCM-MX310H Datasheet
138Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, ATX-Power
2021/06/11
MX310HD BCM-MX310HD Datasheet
530Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, DC-Power
10/24/2022
MX370QD BCM-MX370QD Datasheet
534Kb / 1P
Intel® Q370 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
04/13/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com