Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS331-Q370 Datasheet(PDF) 1 Page - DFI Inc

Part # CS331-Q370
Description  9th/8th Gen Intel® CoreTM Processor microATX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS331-Q370 Datasheet(HTML) 1 Page - DFI Inc

  CS331-Q370 Datasheet HTML 1Page - DFI Inc CS331-Q370 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCIe x16
SATA 3.0
ATX power
+12V
power
LGA
1151
Intel Q370
DDR4_1
USB 2.0
PS/2
KB/MS
LAN 2
COM 1
DVI-I
LAN 1
Line-out
Mic-in
HDMI
DDR4_3
DIO
USB 2.0
PCIe x4 PCIe x16
CPU Fan
CS331-Q370
Mechanical Drawing
Block Diagram
0
22.86
75.29
150.29
46.94
154.94
227.33
233.68
-10.16
0
Features
9th/8th Gen Intel® CoreTM Processor
microATX
Channel A
2400/2666MHz
Channel B
2400/2666MHz
Audio Jack
(Line-out, Mic-in)
Co-layout
(Jack w/ Line-in)
S/PDIF
Front Audio
USB 3.1
Q370
PCIe x16
USB 2.0
DDR4 DIMM 1x
DDR4 DIMM 1x
LGA 1151
DDI
DVI-D
ALC888
PS175HDM
(opt.)
DDI
HDMI
R.G.B
PCIe x1
GLAN I219LM
PCIe x4 2x
PCIe x4
Digital I/O 8-bit
SMBus
SMBus
SPI BIOS
SPI Bus
DDI
DP++
Full Size
Mini PCIe
SATA 3.0
USB 2.0
PCIe x1
Super I/O with WDT
FAN Control
H/W Monitor
Case Open
MDI
LAN 1x
USB 3.1 Gen 1 2x
USB 3.1
USB 2.0
PCIe x1
GLAN I211AT
MDI
LAN 1x
USB 3.1 Gen 2 2x
USB 2.0
LPC
PS/2 KB/MS
USB 2.0 2x
RS232 2x
RS232/422/485 2x
SATA 3.0
USB 2.0
SATA 5x
USB 3.1 Gen 2 2x
USB 3.1
LPC
LPC Header
TPM 1.2/2.0 (opt.)
USB 2.0
USB 2.0 4x
DDR4 DIMM 1x
DDR4 DIMM 1x
PCIe x4
M.2 M key
PCIe x16 slot 2x
(1 x16 or 2 x8 signal)
Ordering Information
Model Name
P/N
Memory GbE RS-232/
422/485
RS-232 USB 3.1
Gen 2
USB 3.1
Gen 1
USB
2.0
TPM
2.0 Power
Thermal Temp.
CS331-Q370NRM 770-CS3311-100G 4 DIMM 2
2
2
4
2
6
0
24-pin ATX/8-pin ATX 12V Active
0 to 60oC
CS331-Q370NRM 770-CS3311-300G 4 DIMM 2
2
2
4
2
6
1
24-pin ATX/8-pin ATX 12V Active
0 to 60oC
• 4 DDR4 DIMM up to 128GB
• Three display ports: DVI-D, DP++, HDMI (HDMI 2.0a opt.)
Supports triple independent displays
• DP++ resolution up to 4096x2160 @ 60Hz
DVI-D resolution up to 1920x1200 @ 60Hz
HDMI 1.2 resolution up to 1920x1200 @ 60Hz
HDMI 2.0a (opt.) resolution up to 4096x2160 @ 60Hz
• Multiple expansion: 2 PCIe x16 (1 x16 or 2 x8 signal), 2 PCIe
x4, 1 mini PCIe, 1 M.2 M key (support Optane Memory)
• Rich I/O: 2 Intel GbE, 4 COM, 4 USB 3.1 Gen 2, 2 USB 3.1
Gen 1, 6 USB 2.0
Q370
Desktop
DP++
DDR4
LPC
COM 2-4
System
Fan_2
System
Fan_1
TPM (Opt.)
4K2K
Display
PCIe x4
SATA 3.0
LAN LED
Front
Panel
AMT
12 USB
DP++
USB 3.1
Gen 2
USB 3.1
Gen 1
DDR4_2
DDR4_4
M.2
M key
Mini
PCIe
DFI's
Proprietary
Technology
2 Extension Modules for Additional 4 COM Ports
(via the LPC connector)
EXT-RS232
- 4 RS232
EXT-RS485
- 4 RS485
DFI Motherboard
EXT-RS232/RS485
Additional 4 COM


Similar Part No. - CS331-Q370

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CS331 COTO-CS331 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 350V Maximum
CS331 COTO-CS331 Datasheet
624Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
logo
Cirrus Logic
CS3310 CIRRUS-CS3310 Datasheet
224Kb / 18P
Stereo Digital Volume Control
FEB 99
CS3310 CIRRUS-CS3310 Datasheet
277Kb / 17P
Stereo Digital Volume Control
CS3310-KS CIRRUS-CS3310-KS Datasheet
277Kb / 17P
Stereo Digital Volume Control
More results

Similar Description - CS331-Q370

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-CM246 DFI-CH960-CM246 Datasheet
812Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
logo
Advantech Co., Ltd.
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
logo
AAEON Technology
BOXER-6842M AAEON-BOXER-6842M Datasheet
1Mb / 2P
Fanless Embedded Controller with 8th/9th Generation Intel® Processor
2022/04/13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com