Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS620-H310 Datasheet(PDF) 2 Page - DFI Inc

Part # CS620-H310
Description  9th/8th Gen Intel® CoreTM Processor ATX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS620-H310 Datasheet(HTML) 2 Page - DFI Inc

  CS620-H310 Datasheet HTML 1Page - DFI Inc CS620-H310 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CS620-H310
Specifications
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 7, 2024 DFI Inc.
SYSTEM
Processor
9th Generation Intel® Core™ LGA 1151 Socket Processors, TDP support up to 95W:
Intel® Core™ i7-9700E (8 Cores, 12M Cache, up to 3.8 GHz); 65W
Intel® Core™ i7-9700TE (8 Cores, 12M Cache, up to 3.8 GHz); 35W
Intel® Core™ i5-9500E (6 Cores, 9M Cache, up to 4.2 GHz); 65W
Intel® Core™ i5-9500TE (6 Cores, 9M Cache, up to 4.2 GHz); 65W
Intel® Core™ i3-9100E (4 Cores, 6M Cache, to 3.2 GHz); 65W
Intel® Core™ i3-9100TE (4 Cores, 6M Cache, to 3.2 GHz); 65W
8th Generation Intel® Core™ /Pentium®/Celeron® LGA 1151 Socket Processors, TDP support up to 95W:
Intel® Core™ i7-8700 (6 Cores, 12M Cache, up to 4.6 GHz); 65W
Intel® Core™ i7-8700T (6 Cores, 12M Cache, up to 4.0 GHz); 35W
Intel® Core™ i5-8500 (6 Cores, 9M Cache, up to 4.1 GHz); 65W
Intel® Core™ i5-8500T (6 Cores, 9M Cache, up to 3.5 GHz); 35W
Intel® Core™ i3-8100 (4 Cores, 6M Cache, 3.6 GHz); 65W
Intel® Core™ i3-8100T (4 Cores, 6M Cache, to 3.1 GHz); 35W
Intel® Pentium® G5400 (2 Cores, 4M Cache, 3.7 GHz); 58W
Intel® Pentium® G5400T (2 Cores, 4M Cache, 3.1 GHz); 35W
Intel® Celeron® G4900 (2 Cores, 2M Cache, 3.1 GHz); 54W
Intel® Celeron® G4900T (2 Cores, 2M Cache, 2.9 GHz); 35W
Chipset
Intel® H310 Chipset
Memory
Two 288-pin UDIMM up to 64GB (non-ECC support) Dual Channel DDR4 2400/2666MHz
BIOS
AMI SPI 128Mbit
GRAPHICS
Controller
Intel® HD Gen 9 Graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265, VP8, VP9
Display
1 x VGA
1 x DVI-I (DVI-D signal)
1 x DP++
VGA: resolution up to 1920x1200 @ 60Hz
DVI-D: resolution up to 1920x1200 @ 60Hz
DP++: resolution up to 4096x2160 @ 60Hz
Dual Displays
VGA + DVI-D / VGA + DP++ / DP++ + DVI-D
EXPANSION
Interface
1 x PCIe x16 Gen 3
1 x PCIe x4 Gen2 (PCIe x1 signal)
4 x PCI
2 x ISA
AUDIO
Audio Codec
Realtek ALC888
ETHERNET
Controller
1 x Intel® I210AT PCIe (10/100/1000Mbps)
1 x Intel® I219V Lan Phy (10/100/1000Mbps)
REAR I/O
Ethernet
2 x GbE (RJ-45)
USB
4 x USB 3.1 (Gen1)
2 x USB 2.0
Serial
1 x RS-232/422/485 (RS-232 w/power) (DB-9)
PS/2
1 x PS/2 (mini-DIN-6)
Display
1 x VGA
1 x DVI-I (DVI-D signal)
1 x DP++
Audio
1 x Mic-in, 1 x Line-out (colay Line-in as opt., MOQ required)
INTERNAL I/O
Serial
1 x RS-232/422/485 (RS-232 w/ power) (2.54mm pitch)
4 x RS-232 (2.54mm pitch)
USB
4 x USB 2.0 (2.54mm pitch) (one header colay USB 3.0 vertical Type A as opt., MOQ required)
Audio
1 x S/PDIF
1 x Front Audio Header
SATA
4 x SATA 3.0 (up to 6Gb/s)
1 x mSATA shared with SATA (opt: PCIe x1 signal, MOQ required)
DIO
1 x 8-bit DIO
LPC
1 x LPC
SMBus
1 x SMBus
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
SECURITY
TPM
TPM2.0 (opt., MOQ required)
POWER
Type
ATX
Connector
8-pin ATX 12V power
24-pin ATX power
Consumption
Typical: i7-8700K: 3.3V @ 0.27A (0.89W); 5V @ 0.49A (2.45W); 12V @ 0.38A (4.56W)
Max.: i7-8700K: 3.3V @ 0.33A (1.08W); 5V @ 1.2A (6W); 12V @ 9.69A (116.28W)
RTC Battery
CR2032 Coin Cell
OS SUPPORT
Windows 10 IoT Enterprise 64-bit
DFI proprietary software package (For ISA SKU)
ENVIRONMENT
Temperature
Operating: -5 to 65°C
Storage: -30 to 60°C with RTC Battery; -40 to 85°C without RTC Battery
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
553,534 hrs @ 25°C; 313,827 hrs @ 45°C ; 196,350 hrs @ 60°C
Calculation Model: Telcordia Issue 4
Environment: GB, GC - Ground Benign, Controlled
MECHANICAL
Dimensions
ATX Form Factor
305mm (12") x 244mm (9.6")
Height
PCB: 1.6mm
Top Side: 32mm Bottom Side: 5mm
CERTIFICATIONS
CE, FCC Class B, RoHS, UKCA
Packing List
Optional Items
• 1 CS620-H310 motherboard
• 1 COM port cables
(W/Bracket, Length: 300mm, 2 x COM ports)
A81-015026-023G
• 1 Serial ATA data cable (Length: 500mm)
332-553001-005G
• 1 I/O shield
A49-KD6000-000G
• 1 mSATA screw
A32-112016-041G
• USB 2.0 port cable (Length: 350mm)
A81-001066-016G
• D-SUB cable
(W/Bracket, Length: 300mm, 2 x COM ports)
A81-015026-023G
• Serial ATA data cable (W/Lock, Length: 500mm)
332-553001-005G
• Thermal solution (For 35W, Height: 37.3mm)
A71-101107-000G
• Thermal solution (For 65W, Height: 74.47mm)
A71-101158-000G
• Thermal solution (For 95W, Height: 77.2mm)
761-103001-000G
• DP to HDMI dongle
612-D2H13M-000G
• LPC EXT-RS232 module (4 x RS232 ports)
770-EXTRS1-000G
• LPC EXT-RS485 module (4 x RS485 ports)
770-EXTRS1-100G
• DFI proprietary software package (For ISA SKU)
642-00CSKL-003G



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com