Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS620-H310 Datasheet(PDF) 1 Page - DFI Inc

Part # CS620-H310
Description  9th/8th Gen Intel® CoreTM Processor ATX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS620-H310 Datasheet(HTML) 1 Page - DFI Inc

  CS620-H310 Datasheet HTML 1Page - DFI Inc CS620-H310 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H310
CS620-H310
Mechanical Drawing
Block Diagram
0
6.35
78.74
233.68
6.35
78.74
83.39
158.39
210.82
0
Features
9th/8th Gen Intel® CoreTMProcessor
ATX
Channel A
2400/2666MHz
Audio Jack
(Line-out/Mic-in)
Co-layout
(Jack w/Line-in)
S/PDIF
USB 3.1 Gen1
H310
USB 2.0
DDR4 DIMM 1x
Coffee Lake
Core i7/i5/i3
DVI-D
ALC888
PTN3355
DDI
VGA
R.G.B
GbE
GLAN I219LM
IT8892
PCIe x1
PCI 4x
PCI
Digital I/O 8-bit
SMBus
SMBus
SPI BIOS
SPI Bus
DDI
DP++
Super I/O with WDT
FAN Control
H/W Monitor
Case Open
MDI
LAN 1x
USB 3.1 Gen1 2x
USB 3.1 Gen1
USB 2.0
PCIe x1
GLAN I210AT
MDI
USB 2.0
LPC
P S/2 KB/MS
USB 2.0 2x
RS232 4x
RS232/422/285 2x
USB 2.0 2x
SATA 3.0
USB 2.0
SATA 3x
LPC
LPC Header
TPM 2.0 (opt.)
DDR4 DIMM 1x
PCIe
PCIe x 16
SATA 3.0
mSATA
Channel B
2400/2666MHz
PCIe x1
PCIe x4
DDI
LAN 1x
USB 3.1 Gen1 2x
PCIe x1
ISA 2x
USB 2.0 2x
USB 2.0
PCIe to PCI
Bridge
PCI to ISA
ISA
PCI
PCIe x1 (opt.)
SATA 1x
Ordering Information
Model Name P/N
Memory
GbE RS-232/422/485 RS-232 USB 3.1 Gen 1 USB 2.0 ISA
TPM 2.0
Power
Temp.
CS620-H310C 770-CS6201-000G 2 DDR4 UDIMM 2
1
4
4
6
2
-
24-pin ATX -5 to 65oC
CS620-H310C 770-CS6201-100G 2 DDR4 UDIMM 2
1
4
4
6
-
-
24-pin ATX -5 to 65oC
CS620-H310C 770-CS6201-200G 2 DDR4 UDIMM 2
1
4
4
6
2
1
24-pin ATX -5 to 65oC
CS620-H310C 770-CS6201-300G 2 DDR4 UDIMM 2
1
4
4
6
-
1
24-pin ATX -5 to 65oC
4K2K
Display
4096x2160
ATX Power
DIMM1
USB 2.0
SATA 3.0
CPU Fan
12V power
System
Fan_3
PCI 4
COM 2~6
Front Panel
DDR4
• 2 DDR4 DIMM up to 64GB
• Dual independent displays:
VGA + DVI-D / VGA + DP++ / DP++ + DVI-D
• VGA: resolution up to 1920x1200 @ 60Hz
DVI-D: resolution up to 1920x1200 @ 60Hz
DP++ resolution up to 4096x2160 @ 60Hz
• Multiple expansion:
1 PCIe x16 Gen 3, 1 PCIe x4 Gen 2 (PCIe x1 signal),
4 PCI, 2 ISA
• Rich I/O: 2 Intel GbE, 6 COM, 4 USB 3.1 Gen1, 6 USB 2.0
DIMM2
Desktop
2 Displays
DIO
DFI's
Proprietary
Technology
2 Extension Modules for Additional 4 COM Ports
(via the LPC connector)
EXT-RS232
- 4 RS232
EXT-RS485
- 4 RS485
DFI Motherboard
EXT-RS232/RS485
Additional 4 COM
VGA
PS/2 KB/MS
USB 2.0
LAN 2
DP++
COM 1
LAN 1
USB 3.0
Line-out
Mic-in
DVI-I
(DVI-D)
ISA 2
ISA 1
mSATA
PCI 3
PCI 2
PCI 1
PCIe x4
(PCIe x1
signal)
PCIe x16
LAN LED System
Fan_2
LPC
System
Fan_1
Front Audio
S/PDIF
LGA 1151
Intel H310
Chipset


Similar Part No. - CS620-H310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS6203001K500B1234 VISHAY-CS6203001K500B1234 Datasheet
85Kb / 2P
Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
07-Aug-14
CS6203001K500B1234 VISHAY-CS6203001K500B1234 Datasheet
72Kb / 2P
Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
07-Aug-14
CS6203005L000B1234 VISHAY-CS6203005L000B1234 Datasheet
85Kb / 2P
Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
07-Aug-14
CS6203005L000B1234 VISHAY-CS6203005L000B1234 Datasheet
72Kb / 2P
Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
07-Aug-14
CS620300KB1234 VISHAY-CS620300KB1234 Datasheet
72Kb / 2P
Customer Special Roundwire Resistor (CS62), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, RDEF, RDSF, RDEA, RDSA
07-Aug-14
More results

Similar Description - CS620-H310

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-CM246 DFI-CH960-CM246 Datasheet
812Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
logo
Advantech Co., Ltd.
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
logo
AAEON Technology
MAX-H310A AAEON-MAX-H310A Datasheet
613Kb / 2P
Micro-ATX Industrial Motherboard with 8th/9th Generation Intel® Core™ Processor, DDR4 DRAM
2022/10/05
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
MX310H BCM-MX310H Datasheet
138Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, ATX-Power
2021/06/11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com