Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS650-C246 Datasheet(PDF) 1 Page - DFI Inc

Part # CS650-C246
Description  9th/8th Gen Intel® CoreTM Processor ATX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

CS650-C246 Datasheet(HTML) 1 Page - DFI Inc

  CS650-C246 Datasheet HTML 1Page - DFI Inc CS650-C246 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C246
CS650-C246
Mechanical Drawing
Block Diagram
10.16
0.00
22.86
154.94
227.33
154.94
227.33
75.29
150.29
46.94
29.22
203.53
Features
9th/8th Gen Intel® CoreTMProcessor
ATX
Audio Jack
(Line-out/Mic-in)
Co-layout
(Jack w/Line-in)
S/PDIF
USB 3.1 Gen1
C246
USB 2.0
DDR4 ECC DIMM 1x
Xeon
Core i7/i5/i3
DP++
ALC888
IT6516BFN
DDI
VGA
R.G.B
PCIe x1
GLAN I219LM
IT8893E
PCIe x1
PCI
PCI
Digital I/O 8-bit
SMBus
SMBus
SPI BIOS
SPI Bus
DDI
DP++
Super I/O with WDT
FAN Control
H/W Monitor
Case Open
MDI
LAN 1x
USB 3.1 Gen1
2x
USB 3.1 Gen2
USB 2.0
PCIe x1
GLAN I210AT
MDI
LAN 1x
USB 3.1 Gen2
2x
USB 2.0
LPC
P S/2 KB/MS
USB 2.0 2x
RS232 4x
RS232/422/285
2x
USB 2.0 4x
SATA 3.0
USB 2.0
SATA 3x
USB 3.1 Gen1 2x
USB 3.0
LPC
LPC Header
TPM 2.0(opt.)
USB 2.0
PCIe x4 PCIe x4 3x
PCIe x4/SATA
M.2 M key
DDI
PCIe x1
PCIe x1
Channel A
2400/2666MHz
Channel B
2400/2666MHz
DDR4 DIMM 1x
Channel B
2400/2666MHz
Channel A
2400/2666MHz DDR4 ECC DIMM 1x
DDR4 DIMM 1x
DDR4 ECC DIMM 1x
DDR4 DIMM 1x
DDR4 ECC DIMM 1x
DDR4 DIMM 1x
DDR4 ECC DIMM 1x
DDR4 DIMM 1x
DDR4 ECC DIMM 1x
DDR4 DIMM 1x
DDR4 ECC DIMM 1x
DDR4 DIMM 1x
DDR4 ECC DIMM 1x
DDR4 DIMM 1x
PCIe
HDA
Front Audio
Header
Mini PCIe
(default)
USB 2.0
SATA 1x
Switch
PCIe/SATA/USB 2.0
PCIe x 16 slot 2x
(1 x16 or 2 x8 signal)
Ordering Information
Model Name
P/N
Memory GbE RS-232/
422/485 RS-232 USB3.1 Gen 2 USB3.1 Gen 1 USB 2.0 TPM 2.0 Power
Thermal Temp.
CS650-C246CRM 770-CS6503-000G 4 DIMM
2
2
4
2
4
6
0
24-pin ATX Active
-5 to 65oC
CS650-C246CRM 770-CS6503-200G 4 DIMM
2
2
4
2
4
6
1
24-pin ATX Active
-5 to 65oC
4K2K
Display
4096x2160
VGA
PS/2 KB/MS
USB 2.0
LAN 2
DP++
ATX Power
DDR4_1
PCIe x16
USB 2.0
LGA 1151
COM 1
LAN 1
Line-out
Mic-in
PCIe x1
System
Fan_3
CPU Fan
12V power
DDR4_2
3 Displays
System
Fan_1
SATA 3.0
COM 2
COM 3
COM 4
COM 5~6
System
Fan_2
PCIe x4
PCIe x4
PCIe x4
PCI
PCIe x16
DDR4
COM ESD
Protection
air gap ±15kv
AMT
• 4 DDR4 ECC/Non-ECC DIMM up to 128GB
• 3 independent displays:
VGA + DP++ + DP++
• DP++ resolution up to 4096x2160 @ 60Hz
• Multiple expansion:
2 PCIe x16 (1 x16 signal or 2 x8 signals), 3 PCIe x4, 1
PCIe x1, 1 PCI, 1 Full-sized Mini PCIe, 1 M.2 M key
• Rich I/O: 2 Intel GbE, 6 COM, 2 USB 3.1 Gen 2, 4 USB 3.1
Gen 1, 6 USB 2.0
DDR4_3
DDR4_4
DIO
Intel C246
USB 3.1 Gen1
DP++
Workstation
USB
3.1
Gen 2
USB
3.1
Gen 1
LAN LED
mSATA
Mini PCIe
M.2 M key
DFI's
Proprietary
Technology
2 Extension Modules for Additional 4 COM Ports
(via the LPC connector)
EXT-RS232
- 4 RS232
EXT-RS485
- 4 RS485
DFI Motherboard
EXT-RS232/RS485
Additional 4 COM
Front Panel
USB 2.0
vertical
Type A


Similar Part No. - CS650-C246

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CS650-DS CAMPBELL-CS650-DS Datasheet
889Kb / 3P
Soil Water Content Reflectometers
March 14, 2017
logo
DFI Inc
CS650-Q370 DFI-CS650-Q370 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor ATX
logo
Campbell Scientific Uni...
CS650-VS CAMPBELL-CS650-VS Datasheet
889Kb / 3P
Soil Water Content Reflectometers
March 14, 2017
More results

Similar Description - CS650-C246

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-CM246 DFI-CH960-CM246 Datasheet
812Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
WL9A3 DFI-WL9A3 Datasheet
728Kb / 2P
8th Gen Intel CoreTM Processor COM Express Mini
logo
Advantech Co., Ltd.
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
logo
AAEON Technology
MAX-H310A AAEON-MAX-H310A Datasheet
613Kb / 2P
Micro-ATX Industrial Motherboard with 8th/9th Generation Intel® Core™ Processor, DDR4 DRAM
2022/10/05
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
MX310H BCM-MX310H Datasheet
138Kb / 1P
Intel® H310 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*, ATX-Power
2021/06/11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com