Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5407 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 5407
Description  Bipolar TTL Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

5407 Datasheet(HTML) 2 Page - Silicon Supplies

  5407 Datasheet HTML 1Page - Silicon Supplies 5407 Datasheet HTML 2Page - Silicon Supplies 5407 Datasheet HTML 3Page - Silicon Supplies 5407 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
d
Bipolar TTL Logic – 5407
Rev 1.0
29/07/20
Pad Layout and Functions
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1A
0.090
0.380
2
1Y
0.090
0.090
3
2A
0.460
0.090
4
2Y
0.830
0.090
5
3A
1.220
0.090
6
3Y
1.220
0.380
7
GND
1.220
0.630
8
4Y
1.220
0.880
9
4A
1.220
1.170
10
5Y
0.830
1.170
11
5A
0.460
1.170
12
6Y
0.090
1.170
13
6A
0.090
0.880
14
VCC
0.090
0.630
CONNECT CHIP BACK TO GND OR FLOAT
Logic Diagram
1450µm (57.11 mils)
10
9
8
7
6
5
4
3
2
1
11
12
13
14
DIE ID
0,0
Truth Table
INPUTS
A
OUTPUT
Y
H
L
Z
L
H = High level (steady state)
L = Low level (steady state)
Z = High Impedance
Y = A
Pad 14 = VCC
Pad 7 = GND
Page 2 of 4
www.siliconsupplies.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com