Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5407 Datasheet(PDF) 3 Page - Silicon Supplies

Part # 5407
Description  Bipolar TTL Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

5407 Datasheet(HTML) 3 Page - Silicon Supplies

  5407 Datasheet HTML 1Page - Silicon Supplies 5407 Datasheet HTML 2Page - Silicon Supplies 5407 Datasheet HTML 3Page - Silicon Supplies 5407 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
www.siliconsupplies.com
Bipolar TTL Logic – 5407
Rev 1.0
29/07/20
PARAMETER
SYMBOL
MIN
MAX
UNITS
Supply Voltage
VCC
4.5
5.5
V
High-Level Input Voltage
VIH
2
-
V
Low-Level Input Voltage
VIL
-
0.8
V
High-Level Output Voltage
VOH
-
30
V
Low-Level Output Current
IOL
-
30
mA
Operating Temperature Range
TJ
-55
+125
°C
Recommended Operating Conditions
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
DC Supply Voltage
VCC
7.0
V
DC Input Voltage
VIN
5.5
V
DC Output Voltage
VOUT
30
Storage Temperature Range
TSTG
-65 to 150
°C
DC Electrical Characteristics2 T
J = -55°C to 125°C unless otherwise specified
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Clamp Voltage
VIK
VCC = 4.5V, IIN = -12mA
-
-
-1.5
V
High-Level Output
Current
IOH
VCC = 4.5V,
VIH = 2V, VOH = 30V
-
-
0.25
mA
VCC = 4.5V,
VIL = 0.8V, IOL = 16mA
-
-
0.4
Low-Level Output
Voltage
VOL
VCC = 4.5V,
VIL = 0.8V, IOL = 30mA
-
-
0.7
V
Input Current
IIN
VCC = 5.5V, VIN = 5.5V
-
-
1
mA
High-Level Input
Current
IIH
VCC = 5.5V, VIH = 2.4V
-
-
0.04
mA
Low-Level Input
Current
IIL
VCC = 5.5V, VIL = 0.4V
-
-
-1.6
mA
VCC = 5.5V ,Output High
-
-
41
Supply Current
ICC
VCC = 5.5V ,Output Low
-
-
30
mA
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com