Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT11 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74ACT11
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT11 Datasheet(HTML) 2 Page - Silicon Supplies

  74ACT11 Datasheet HTML 1Page - Silicon Supplies 74ACT11 Datasheet HTML 2Page - Silicon Supplies 74ACT11 Datasheet HTML 3Page - Silicon Supplies 74ACT11 Datasheet HTML 4Page - Silicon Supplies 74ACT11 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Advanced CMOS TTL Input – 74ACT11
Rev 1.0
11/03/19
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
1A
0.350
0.845
2
1B
0.115
0.845
3
2A
0.115
0.570
4
2B
0.115
0.390
5
2C
0.115
0.115
6
2Y
0.320
0.115
7
GND
0.510
0.115
8
3Y
0.705
0.115
9
3C
0.910
0.115
10
3B
0.910
0.390
11
3A
0.910
0.600
12
1Y
0.910
0.790
13
1C
0.740
0.845
14
VCC
0.520
0.845
CONNECT CHIP BACK TO VCC OR FLOAT
Pad Layout and Functions
1130µm (44.49 mils)
DIE ID
2
12
13
14
1
11
3
4
5
6
7
8
9
10
0,0
Logic Diagram
Truth Table
INPUTS
OUTPUT
A
B
C
Y
H
L
X
X
H
X
L
X
H
X
X
L
H
L
L
L
H = High level (steady state)
L = Low level (steady state)
X = Either Low or High level
Y = ABC
Page 2 of 5
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com