Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT11 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ACT11
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT11 Datasheet(HTML) 1 Page - Silicon Supplies

  74ACT11 Datasheet HTML 1Page - Silicon Supplies 74ACT11 Datasheet HTML 2Page - Silicon Supplies 74ACT11 Datasheet HTML 3Page - Silicon Supplies 74ACT11 Datasheet HTML 4Page - Silicon Supplies 74ACT11 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced CMOS TTL Input – 74ACT11
Triple 3-Input AND gate with LSTTL compatible inputs in bare die form
Rev 1.0
11/03/19
The 74ACT11 is fabricated using an advanced CMOS
process combining LSTTL speed with CMOS low power
consumption while delivering high output drive. The
device contains x3 independent gates each performing
Boolean function Y = A • B • C or Y = A + B + C in positive
logic. The device directly accepts LSTTL or NMOS
inputs and suits use as a level converter for interfacing
TTL or NMOS outputs to high speed CMOS inputs. All
inputs are protected against ESD and excess voltage
transients.
Description
Features:
Inputs directly accept TTL / NMOS
Outputs directly interface CMOS, NMOS and TTL
Outputs Sink/Source 24mA
Low input current: 1µA
High noise immunity
Functionally compatible with bipolar 74LS/ALS11.
Full military temperature Range
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
Die Dimensions in µm (mils)
1130 (45)
Die Size (Unsawn)
1130 x 1070
45 x 42
µm
mils
Minimum Bond Pad Size
108 x 108
4.25 x 4.25
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
54ACT11
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 5
www.siliconsupplies.com


Similar Part No. - 74ACT11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT11 STMICROELECTRONICS-74ACT11 Datasheet
67Kb / 7P
TRIPLE 3-INPUT AND GATE
May-1997
logo
Silicon Supplies
74ACT11 SS-74ACT11 Datasheet
509Kb / 5P
Advanced CMOS TTL Input
logo
Texas Instruments
74ACT1100 TI-74ACT1100 Datasheet
74Kb / 5P
HEX INVERTER
74ACT1100 TI-74ACT1100 Datasheet
77Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
74ACT1100 TI1-74ACT1100 Datasheet
916Kb / 16P
HEX INVERTER
More results

Similar Description - 74ACT11

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com