Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT38 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74ACT38
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT38 Datasheet(HTML) 2 Page - Silicon Supplies

  74ACT38 Datasheet HTML 1Page - Silicon Supplies 74ACT38 Datasheet HTML 2Page - Silicon Supplies 74ACT38 Datasheet HTML 3Page - Silicon Supplies 74ACT38 Datasheet HTML 4Page - Silicon Supplies 74ACT38 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
www.siliconsupplies.com
d
Advanced CMOS TTL Input – 74ACT38
Rev 1.0
18/01/21
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1A
0.250
0.980
2
1B
0.100
0.820
3
1Y
0.100
0.580
4
2A
0.100
0.420
5
2B
0.100
0.140
6
2Y
0.270
0.100
7
GND
0.450
0.100
8
3Y
0.670
0.100
9
3A
0.790
0.140
10
3B
0.790
0.420
11
4Y
0.790
0.590
12
4A
0.790
0.820
13
4B
0.650
0.980
14
VCC
0.450
0.980
CONNECT CHIP BACK TO VCC OR FLOAT
Pad Layout and Functions
1000µm (40 mils)
0,0
Logic Diagram
1A
1B
2A
2B
3A
3B
4A
4B
5
9
10
12
13
3
6
8
11
1Y
2Y
3Y
4Y
1
2
4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Truth Table
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
Z
Z
Z
L
H = High level (steady state)
L = Low level (steady state)
Z = High Impedance state



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com