Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT38 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ACT38
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT38 Datasheet(HTML) 1 Page - Silicon Supplies

  74ACT38 Datasheet HTML 1Page - Silicon Supplies 74ACT38 Datasheet HTML 2Page - Silicon Supplies 74ACT38 Datasheet HTML 3Page - Silicon Supplies 74ACT38 Datasheet HTML 4Page - Silicon Supplies 74ACT38 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev 1.0
18/01/21
Quad 2-input NAND buffer (open drain) in bare die form
Advanced CMOS TTL Input – 74ACT38
Die Size (Unsawn)
1000 x 1190
40 x 47
µm
mils
Minimum Bond Pad Size
100 x 100
4 x 4
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Inputs directly accept TTL
Outputs directly interface CMOS, NMOS and TTL
Open-drain output for wired-OR/wired-AND function
Outputs Source/Sink 24 mA
Low Input Current: 1µA
Functionally compatible with bipolar 74LS38, 74F38
Lower power alternative to bipolar logic.
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54ACT38
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
74ACT38 provides x4 independent 2-input NAND gates
performing the Boolean function Y = A • B or Y = A + B.
The device is fabricated using an advanced 1.5µm 5V
CMOS process combining high speed LSTTL performance
with CMOS low power consumption. The provision of open-
drain outputs enables implementation of active-low wired-
OR or active-high wired-AND functionality. Device inputs
directly accept both standard CMOS and LSTTL outputs.
All inputs are equipped with protection circuits against static
discharge and transient excess voltage.
Description
Die Dimensions in µm (mils)
1000 (40)
Page 1 of 5
www.siliconsupplies.com


Similar Part No. - 74ACT38

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74ACT38 SS-74ACT38 Datasheet
484Kb / 5P
Advanced CMOS TTL Input
More results

Similar Description - 74ACT38

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com