Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT574 Datasheet(PDF) 5 Page - Silicon Supplies

Part # 74ACT574
Description  Advanced CMOS TTL Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT574 Datasheet(HTML) 5 Page - Silicon Supplies

  74ACT574 Datasheet HTML 1Page - Silicon Supplies 74ACT574 Datasheet HTML 2Page - Silicon Supplies 74ACT574 Datasheet HTML 3Page - Silicon Supplies 74ACT574 Datasheet HTML 4Page - Silicon Supplies 74ACT574 Datasheet HTML 5Page - Silicon Supplies 74ACT574 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
www.siliconsupplies.com
Advanced CMOS TTL Input – 74ACT574
Rev 1.0
19/3/2021
Timing Requirements6
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
Minimum
Setup Time,
D to CLK
(Figure 2,4)
tSU
5V ±0.5
CL = 50pF,
Input tf =tr= 3ns
2.5
2.5
2.5
ns
Minimum
Hold Time,
CLK to D
(Figure 2,4)
th
5V ±0.5
CL = 50pF,
Input tf =tr= 3ns
1.0
1.0
1.0
ns
Minimum
Pulse Width,
CLK
(Figure 2,4)
tw
5V ±0.5
CL = 50pF,
Input tf =tr= 3ns
3.0
4.0
4.0
ns
Switching Waveforms
Figure 4 – Timing Requirements
Figure 3 – Propagation Delay - Output Enable to Q
Figure 1 – Propagation Delay & Output Transition Time



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com