Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT574 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ACT574
Description  Advanced CMOS TTL Input
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT574 Datasheet(HTML) 1 Page - Silicon Supplies

  74ACT574 Datasheet HTML 1Page - Silicon Supplies 74ACT574 Datasheet HTML 2Page - Silicon Supplies 74ACT574 Datasheet HTML 3Page - Silicon Supplies 74ACT574 Datasheet HTML 4Page - Silicon Supplies 74ACT574 Datasheet HTML 5Page - Silicon Supplies 74ACT574 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced CMOS TTL Input – 74ACT574
8-bit non-inverting D-Type Flip-Flop with 3-State Outputs in bare die form
Rev 1.0
19/3/2021
Die Size (Unsawn)
1450 x 1650
57 x 65
µm
mils
Minimum Bond Pad Size
108 x 108
4.25 x 4.25
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Outputs Source/Sink 24 mA
Low Input Current: 1µA
TTL / CMOS compatible Input Levels
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 4.5V to 5.5V
Function compatible with74LS574
Full Military Temperature Range.
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54ACT574
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
The 74ACT574 is fabricated using a 1.5µm 5V CMOS
process combining high speed performance LSTTL
performance with CMOS low power consumption. The
device integrates eight D-type Flip-Flops, a buffered
common Clock (CLK) and a buffered common Output
Enable (OE). The information presented to the D-type
inputs is stored in the flip-flops on the LOW-to-HIGH Clock
(CLK) transition. Device inputs directly accept both
standard CMOS and LSTTL outputs. All inputs are
equipped with protection circuits against static discharge
and transient excess voltage.
Description
Die Dimensions in µm (mils)
1450 (57)
Page 1 of 6
www.siliconsupplies.com


Similar Part No. - 74ACT574

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT574 STMICROELECTRONICS-74ACT574 Datasheet
77Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Feb-2000
logo
Fairchild Semiconductor
74ACT574 FAIRCHILD-74ACT574 Datasheet
100Kb / 9P
Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74ACT574 ONSEMI-74ACT574 Datasheet
115Kb / 10P
Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
logo
Fairchild Semiconductor
74ACT574 FAIRCHILD-74ACT574 Datasheet
115Kb / 9P
Octal D-Type Flip-Flop with 3-STATE Outputs
74ACT574 FAIRCHILD-74ACT574 Datasheet
116Kb / 9P
Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74ACT574

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com