Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT86 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ACT86
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT86 Datasheet(HTML) 1 Page - Silicon Supplies

  74ACT86_V01 Datasheet HTML 1Page - Silicon Supplies 74ACT86_V01 Datasheet HTML 2Page - Silicon Supplies 74ACT86_V01 Datasheet HTML 3Page - Silicon Supplies 74ACT86_V01 Datasheet HTML 4Page - Silicon Supplies 74ACT86_V01 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev 1.0
06/02/20
Quadruple 2-Input Exclusive OR Gate IC in bare die form
Advanced CMOS TTL Input – 74ACT86
Description
Features:
The 74ACT86 exclusive OR gate (XOR) is fabricated
using a 1.5µm advanced CMOS process which
combines the high speed performance of LSTTL with
CMOS low power consumption. This device contains
four independent gates and performs the Boolean
functions Y = A ⊕ B or Y = AB + AB. Device inputs
directly accept LSTTL or CMOS. All inputs are protected
against ESD and excess voltage transients.
Inputs directly accept TTL
Outputs directly interface CMOS, NMOS and TTL
Outputs Source/Sink 24 mA
Low Input Current: 1µA
Functionally compatible with bipolar 74LS86
Lower power alternative to bipolar logic.
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54ACT86
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Die Dimensions in µm (mils)
Die Size (Unsawn)
1300 x 1300
1300 (51)
51 x 51`
µm
mils
Minimum Bond Pad Size
120 x 120
4.72 x 4.72
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Page 1 of 5
www.siliconsupplies.com


Similar Part No. - 74ACT86_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74ACT86 SS-74ACT86_V02 Datasheet
353Kb / 5P
Advanced CMOS TTL Input
Rev 1.0 14/05/25
74ACT86 SS-74ACT86_V03 Datasheet
394Kb / 5P
Advanced CMOS TTL Input
Rev 2.0 14/05/25
More results

Similar Description - 74ACT86_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com