Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALS93 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74ALS93
Description  Advanced Low Power Schottky Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ALS93 Datasheet(HTML) 2 Page - Silicon Supplies

  74ALS93 Datasheet HTML 1Page - Silicon Supplies 74ALS93 Datasheet HTML 2Page - Silicon Supplies 74ALS93 Datasheet HTML 3Page - Silicon Supplies 74ALS93 Datasheet HTML 4Page - Silicon Supplies 74ALS93 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
d
Advanced Low Power Schottky Logic – 74ALS93
Rev 1.1
28/08/21
Pad Layout and Functions
Logic Diagram
Truth Table
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
CKB
0.100
0.360
2
R0(1)
0.100
0.100
3
R0(2)
0.450
0.100
4
VCC
0.830
0.100
5
NC
1.370
0.100
6
NC
1.370
0.360
7
QC
1.370
0.880
8
QB
1.370
1.370
9
GND
0.960
1.370
10
QD
0.670
1.370
11
QA
0.350
1.370
12
CKA
0.100
0.880
CONNECT CHIP BACK TO GND
1600µm (62.99 mils)
0,0
DIE ID
11
10
9
8
7
6
5
4
2
1
12
3
RESET INPUT
OUTPUT
R0(1)
R0(2)
QA
QB
QC
QD
H
H
L
L
L
L
L
H
COUNT
H
L
COUNT
L
L
COUNT
Mode Selection
OUTPUT
COUNT
QA
QB
QC
QD
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
L
H
H
L
L
H
H
L
L
H
H
L
L
H
H
L
L
L
L
H
H
H
H
L
L
L
L
H
H
H
H
L
L
L
L
L
L
L
L
H
H
H
H
H
H
H
H
NOTE: OUTPUT QA IS CONNECTED TO INPUT CKB
H = HIGH Voltage Level
L = LOW Voltage Level
Page 2 of 5
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com