Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALS93 Datasheet(PDF) 3 Page - Silicon Supplies

Part # 74ALS93
Description  Advanced Low Power Schottky Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ALS93 Datasheet(HTML) 3 Page - Silicon Supplies

  74ALS93 Datasheet HTML 1Page - Silicon Supplies 74ALS93 Datasheet HTML 2Page - Silicon Supplies 74ALS93 Datasheet HTML 3Page - Silicon Supplies 74ALS93 Datasheet HTML 4Page - Silicon Supplies 74ALS93 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3 of 5
www.siliconsupplies.com
Advanced Low Power Schottky Logic – 74ALS93
Rev 1.1
28/08/21
PARAMETER
SYMBOL
MIN
MAX
UNITS
Supply Voltage (Referenced to GND)
VCC
4.75
5.25
V
High-Level Input Voltage
VIH
2
-
V
Low-Level Input Voltage
VIL
-
0.8
V
High-Level Output Current
IOH
-
-0.4
mA
Low-Level Output Current
IOL
-
8
mA
Operating Temperature Range
TJ
-40
+85
°C
Recommended Operating Conditions
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
DC Supply Voltage (Referenced to GND)
VCC
7.0
V
DC Input Voltage (Referenced to GND)
VIN
7.0
V
Storage Temperature Range
TSTG
-65 to 150
°C
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability.
DC Electrical Characteristics Voltages referenced to GND, T
J = -40°C to 85°C unless otherwise specified
LIMITS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum High-Level
Input Voltage
VIH
-
2
-
-
V
Maximum Low-Level
Input Voltage
VIL
-
-
-
0.8
V
Input Clamp Diode
Voltage
VIK
VCC = 4.5V
IIN = -18mA
-
-0.65
-1.5
V
Output Voltage High
VOH
VCC = 4.5V, IOH = -0.4mA
VCC -2
-
-
V
VCC = 4.5V, IOL = 4mA
-
0.25
0.4
Output Voltage Low
VOL
VCC = 4.5V, IOL = 8mA
-
0.35
0.5
V
VCC = 5.5V, VIN = 2.7V
-
-
20
µA
Input High Current
IIH
VCC = 5.5V, VIN = 7.0V
-
-
0.1
mA
Input Low Current
IIL
VCC = 5.5V, VIL = 0.4V
-
-
-0.1
mA
Short Circuit Current
2
IOS
VCC = 5.5V, VOUT = 2.25V
-30
-
-112
mA
Supply Current
ICC
VCC = 5.5V
-
-
13
mA
2. Not more than one output should be shorted at a time, nor for more than 1 second.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com