Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC244 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74HC244
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC244 Datasheet(HTML) 1 Page - Silicon Supplies

  74HC244 Datasheet HTML 1Page - Silicon Supplies 74HC244 Datasheet HTML 2Page - Silicon Supplies 74HC244 Datasheet HTML 3Page - Silicon Supplies 74HC244 Datasheet HTML 4Page - Silicon Supplies 74HC244 Datasheet HTML 5Page - Silicon Supplies 74HC244 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
 
 
 
High Speed CMOS Logic – 74HC244
Octal 3-State Non-Inverting Buffer / Line Driver / Line Receiver in bare die form
Rev 1.1
01/05/18
 
 
Output Drive Capability: 15 LSTTL Loads
 
 
 
 
 
 
 
 
 
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 2V to 6V
CMOS High Noise Immunity
Function compatible with 74LS244.
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
The 74HC244 is fabricated using a 2.5µm 5V CMOS
process and has the same high speed performance of
LSTTL combined with CMOS low power consumption. The
device can be used as two 4-bit buffers or one 8-bit buffer
and features non-inverting inputs with two output enables,
each controlling four of the 3-state outputs. The device is
specifically designed to improve performance and density in
clock drivers, 3-state memory address drivers and bus
orientated transmitters and receivers. Inputs include clamp
diodes that enable the use of current limiting resistors to
interface inputs to voltages in excess of VCC
Description
Die Dimensions in µm (mils)
1900 (75)
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1900 x 2050
75 x 81
µm
mils
Minimum Bond Pad Size
100 x 100
3.94 x 3.94
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
For High Reliability versions of this product please see
54HC244
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 6 
www.siliconsupplies.com


Similar Part No. - 74HC244

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74HC244 MOTOROLA-74HC244 Datasheet
185Kb / 8P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
NXP Semiconductors
74HC244 PHILIPS-74HC244 Datasheet
39Kb / 7P
Octal buffer/line driver; 3-state
December 1990
74HC244 PHILIPS-74HC244 Datasheet
127Kb / 22P
Octal buffer/line driver; 3-state
Rev. 03-22 December 2005
logo
ON Semiconductor
74HC244 ONSEMI-74HC244 Datasheet
126Kb / 7P
Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver
March, 2007 ??Rev. 0
logo
NXP Semiconductors
74HC244 PHILIPS-74HC244 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state Rev. 4 ??24 September 2012
Rev. 4-24 September 2012
More results

Similar Description - 74HC244

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com