Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15744 Datasheet(PDF) 1 Page - Evolt

Part # 15744
Description  PLANAR PRO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

15744 Datasheet(HTML) 1 Page - Evolt

  15744 Datasheet HTML 1Page - Evolt 15744 Datasheet HTML 2Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PLANAR PRO
Planar Pro Linear Highbay
IP66 weatherproof rating
IK10 impact rating
Energy-efficient illumination up to 170lm/W
60x105 degree beam angle
Designed to function from -30 to 50°C
Ideal for installation in high ceiling warehouses.
ORDERING INFORMATION
Order code
15744
Description
400W 170lm/W LINEAR
HIGHBAY- CRI>80 - IP66 - DALI -
60x105D - 5000K
Driver Power
400 W
Driver Type
DALI DT6 LED Driver
DALI DT6 ~ Includes DALI-2 Driver with full support for DT6 allowing flicker free
dimming with compliant DALI-2 Application controllers.
Item Code
EV-PLANAR-
PRO-400W-60105D-50K-DA
EFFICIENCIES
Total System Efficiency
175 lm/W
The performance of each component of a luminaire is demonstrated through its
efficiencies, which together determine the total system efficiency of the
product. The output of the LED chip is first multiplied by the optical and thermal
efficiencies to calculate the Luminaire efficiency. However, this calculation does
not consider the driver efficiency. To determine the overall efficiency of the
system, the Luminaire efficiency must be multiplied by the driver efficiency,
which accounts for all losses in the system.
MECHANICAL
Body Material
Aluminium alloy
Diffuser Material
Polycarbonate
Fitting Colour
Silver
IK Rating
IK10
Installation Type
Suspended
IP Rating
IP66
ELECTRICAL
Earth Leakage
<0.75 mA
Electrical Rating
Class I
Input Current
2.8 A
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%. This effectively
means that the voltage range of these products are 216Vac - 253Vac or 240V
+6%
Inrush Current
150 A
Inrush Duration
300 uS
Maximum Wattage
400 W
Power Factor
0.95
Standby Power
0.5 W
Standby power for non-maintained/switched maintained emergency devices is
measured when the light is off and the charger is in standby mode. For
maintained emergency devices, standby power is measured when the light is on
and the charger is in standby mode. Typically, charging occurs for the first 16
hours after the device is powered or after a battery discharge.
Surge Protection L/N-PE
10kV
Surge Protection L-N
6kV
Working Temp Range
-30 to 50 °C
LAMP
Macadam Steps (SDCM)
5-step MacAdam Ellipse
Beam Angle
60x105 °
CCT Configuration
Single
1300 438 658
sales@evolt.com.au
ektor.com.au
© 2025 Evolt


Similar Part No. - 15744

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1574-1 ETC2-1574-1 Datasheet
523Kb / 1P
SPLIT-TYPE (FORK) TURRETS
1574-2 ETC2-1574-2 Datasheet
523Kb / 1P
SPLIT-TYPE (FORK) TURRETS
1574-3 ETC2-1574-3 Datasheet
523Kb / 1P
SPLIT-TYPE (FORK) TURRETS
1574-4 ETC2-1574-4 Datasheet
523Kb / 1P
SPLIT-TYPE (FORK) TURRETS
logo
Turck, Inc.
15740 TURCK-15740 Datasheet
267Kb / 3P
Inductive Sensor
11/07/2023
More results

Similar Description - 15744

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDA555X INFINEON-SDA555X Datasheet
62Kb / 2P
TVText Pro
logo
Freescale Semiconductor...
MPC8349E FREESCALE-MPC8349E Datasheet
4Mb / 2P
PowerQUICC II??Pro
logo
RF Micro Devices
ZPM3570 RFMD-ZPM3570 Datasheet
1Mb / 18P
ZigBee Pro Module
logo
Tyco Electronics
58530-1 MACOM-58530-1 Datasheet
185Kb / 5P
PRO-CRIMPER II
logo
RF Monolithics, Inc
ZPM3570-E RFM-ZPM3570-E Datasheet
1Mb / 18P
ZigBee Pro Module
logo
List of Unclassifed Man...
STM32 ETC2-STM32 Datasheet
646Kb / 2P
EasyMx PRO
logo
Extech Instruments Corp...
CT20 EXTECH-CT20 Datasheet
182Kb / 1P
Continuity Tester Pro
logo
Level One
PLI-3110 LVL1-PLI-3110 Datasheet
234Kb / 3P
HomePlug Pro PoE
logo
Microchip Technology
ATMBUSADAPTER-XPRO MICROCHIP-ATMBUSADAPTER-XPRO Datasheet
83Kb / 1P
mikroBUS Xplained Pro
logo
PHOENIX CONTACT
2988890 PHOENIX-2988890 Datasheet
87Kb / 3P
WEBVISIT PRO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com