Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15744 Datasheet(PDF) 2 Page - Evolt

Part # 15744
Description  PLANAR PRO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

15744 Datasheet(HTML) 2 Page - Evolt

  15744 Datasheet HTML 1Page - Evolt 15744 Datasheet HTML 2Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LED LIFETIME
LED Lifetime
>60000 hrs
This is the Reported LED Lifetime in Hours based on TM-21. Ektor does not list
the projected or calculated LED lifetime, which is normally longer as TM-21
Addendum B explicitly states "The Calculated and Projected Lp(Dk) are not to be
reported". This Lifetime refers to the life of a single LED however the system life
is longer since the probability and binomial distribution of all LEDs in the system
means that the average led is performing above the specification and
compensates for the LEDs falling below.
TM-21 Test Hours
10000 hrs
COLOUR TEMPERATURE
CCT
5000 K
Luminaire Lumens
70250 lm
All photometric data has a tolerance of ±10%. Luminaire lumens refers to the
exit lumens or delivered lumens from the luminaire.
DRIVER
Dimmable
Yes
Driver Included
Yes
Driver Mode
Constant Current
Driver Type
DALI DT6 LED Driver
DALI DT6 ~ Includes DALI-2 Driver with full support for DT6 allowing flicker free
dimming with compliant DALI-2 Application controllers.
Flex & Plug or Lead Length
1500 mm
Wiring Type
Re-wireable Flex & Plug (3 pin)
COMPLIANCE
Product Design Life
12 years
The product design life relates to the total product life which includes LEDs,
drivers and the enclosure. This is different to the LED lifetime which only refers
to the economical lifetime of the LEDs at which time the lumen output has
dropped below the L Value. The product design life is calculated at the
maximum ambient or working temperature of the product and takes into
account the Daily Use.
Daily Use
20 hrs
The Daily Use is the recommended time required to meet the product's design
life. Installations can exceed this time, however the product design life will be
reduced proportionally.
WARRANTY
Commercial Use Warranty
5 RTB (Total 5 Years)
VIP Warranty
2 Onsite, 3 RTB (Total 5 Years)
VIP warranty is available to registered users and is subjected to additional terms
and conditions.
Warranty Operating Hours
30000 hrs
This product is provided with a warranty up until the stated warranty period or
until the stated warranty operating hours has been reached (whichever occurs
first).
DIMENSIONS
Product Height
64 mm
Product Length
1099 mm
Product Weight
11900 g
Product Width
365 mm
LINE DRAWINGS
EV/PLANAR/PRO/400W
PHOTOMETRICS
EV/PLANAR/PRO/400W/60105D/50K
ACCESSORIES
Order code
15715
Description
2-Pack of fixed mounting
brackets for Planar Highbay
Item Code
EV-PLANAR-BRACKET
Order code
15716
Description
2-Pack of adjustable mounting
brackets for Planar Highbay
Item Code
EV-PLANAR-BRACKET-ADJ
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com