Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLTC0612R001-R005 Datasheet(PDF) 4 Page - Littelfuse

Part # WLTC0612R001-R005
Description  Two-Terminal Surface Mount Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

WLTC0612R001-R005 Datasheet(HTML) 4 Page - Littelfuse

  WLTC0612R001-R005 Datasheet HTML 1Page - Littelfuse WLTC0612R001-R005 Datasheet HTML 2Page - Littelfuse WLTC0612R001-R005 Datasheet HTML 3Page - Littelfuse WLTC0612R001-R005 Datasheet HTML 4Page - Littelfuse WLTC0612R001-R005 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Current Sense Resistor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: BA.03/17/23
4
Two-Terminal Surface Mount Resistor
WLTC Series
Dimensions
Recommended Land Pattern
All dimensions in mm
Part Number
W
L
T
A
WLTC0508 R001
2.00±0.25
1.25±0.25
0.40±0.15
0.38±0.20
WLTC0508 1M50~R005
2.00±0.25
1.25±0.25
0.40±0.15
0.32±0.20
WLTC0612 R001
3.20±0.25
1.60±0.25
Max 0.45
0.35±0.15
WLTC0612 1M50~R005
3.20±0.25
1.60±0.25
Max 0.40
0.35±0.15
Part Number
P
W
D
Loading
WLTC0508 R001
0.40 mm
2.30 mm
0.90 mm
1.0 W
WLTC0508 1M50~R005
0.50 mm
2.30 mm
0.85 mm
1.0 W
WLTC0612 R001~R005
0.60 mm
3.68 mm
1.30 mm
1.0 W
Packaging
Part Number
Halogen Free
Packaging Option
Quantity
Quantity & Packaging Codes
WLTC0508
Yes
Tape and Reel
5000
NR
WLTC0612
Yes
Tape and Réel
5000
NR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com