Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLTC0612R001-R005 Datasheet(PDF) 5 Page - Littelfuse

Part # WLTC0612R001-R005
Description  Two-Terminal Surface Mount Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

WLTC0612R001-R005 Datasheet(HTML) 5 Page - Littelfuse

  WLTC0612R001-R005 Datasheet HTML 1Page - Littelfuse WLTC0612R001-R005 Datasheet HTML 2Page - Littelfuse WLTC0612R001-R005 Datasheet HTML 3Page - Littelfuse WLTC0612R001-R005 Datasheet HTML 4Page - Littelfuse WLTC0612R001-R005 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Current Sense Resistor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: BA.03/17/23
5
Two-Terminal Surface Mount Resistor
WLTC Series
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are
not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at http://www.littelfuse.com/disclaimer-electronics.
Part Numbering System
Tape and Reel Specifications
WLTC 0508 G L R001 F N R
Series
Quantity Code
Tolerance Code
Packaging Code
Size
TCR
Resistance Value Code
Littelfuse Surface
Mount CSR
Ex.: 1.5 mΩ = 1M50,
2 mΩ = R002
N = 5,000
F = ±1%
R = Tape and Reel
Long side electrode
Q = ±50 ppm °C,
R = ±100 ppm °C,
G = ±150 ppm °C
Part Number
A±5 (mm)
N±2 (mm)
W1±1 (mm)
WLTC0508
178
60
9.0
WLTC0612
178
60
9.0
Part Number
W
P0
P
P2
A0
B0
D0
F
E
T
T1
K0
WLTC0508
8.00±0.30
4.00±0.10
4.00±0.10
2.00±0.10
1.45±0.10
2.20±0.10
1.50±0.10
3.50±0.10
1.75±0.10
0.60±0.10
/
/
WLTC0612
8.00±0.30
4.00±0.10
4.00±0.10
2.00±0.10
1.90±0.20
3.50±0.20
1.50±0.10
3.50±0.10
1.75±0.10
0.60±.010
/
/



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com