Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLTC06121M50-R005 Datasheet(PDF) 3 Page - Littelfuse

Part # WLTC06121M50-R005
Description  Two-Terminal Surface Mount Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

WLTC06121M50-R005 Datasheet(HTML) 3 Page - Littelfuse

  WLTC06121M50-R005 Datasheet HTML 1Page - Littelfuse WLTC06121M50-R005 Datasheet HTML 2Page - Littelfuse WLTC06121M50-R005 Datasheet HTML 3Page - Littelfuse WLTC06121M50-R005 Datasheet HTML 4Page - Littelfuse WLTC06121M50-R005 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Current Sense Resistor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: BA.03/17/23
3
Two-Terminal Surface Mount Resistor
WLTC Series
Test
Procedure
Specifications
Short Term Overload
2.5 times the rated voltage shall be applied for 5
sec.
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Load Life (Operational Life)
At temperature 70°C, rated power shall be
repeatedly applied for 1.5hrs followed by a pause of
30 min. 1,000 Hours
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Low Temp. Exposure
Test Temp -55°C
Test Period: 1,000 hours No Electrical Load
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Temp. Cycling (Thermal Shock)
Repeat 100 cycles as follows:
-55°C for 30 minutes 155°C for 30 minutes
Transition time of 1 minute max
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
High Temp. Exposure
Test Temp 155°C
Test Period: 1,000 hours No Electrical Load
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Moisture Load Life
At temperature 60°C / 95%RH, rated power shall
be repeatedly applied for 1.5hrs followed by a
pause of 30 min.1,000 Hours
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Resistance to soldering heat
Reflow soldering as per JEDEC-J-STD-020. Repeat
for a total of 3 cycles.
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Board Flex
90 mm span between fulcrums 2 mm bend 60
seconds minimum holding time
±1.0% Appearance: Without distinct damage, and
the marking shall be legible.
Solderability
Non-activated flux dip: 5-10 seconds SAC solder
dip: 3 seconds at 245°C
A new solder shall cover minimum of 95%
Reliability Specifications



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com