Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WLTC06121M50-R005 Datasheet(PDF) 1 Page - Littelfuse

Part # WLTC06121M50-R005
Description  Two-Terminal Surface Mount Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

WLTC06121M50-R005 Datasheet(HTML) 1 Page - Littelfuse

  WLTC06121M50-R005 Datasheet HTML 1Page - Littelfuse WLTC06121M50-R005 Datasheet HTML 2Page - Littelfuse WLTC06121M50-R005 Datasheet HTML 3Page - Littelfuse WLTC06121M50-R005 Datasheet HTML 4Page - Littelfuse WLTC06121M50-R005 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Current Sense Resistor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: BA.03/17/23
1
Two-Terminal Surface Mount Resistor
WLTC Series
Littelfuse WLTC Series low ohm current sense resistor is designed
with long term stability in mind. This series is durable, excels at
heat dissipation. The small package is optimal for most applications.
Description
■ Low TCR
■ Optimal linearity in I / V conversion
■ Epoxy substrate
■ Small size
■ High voltage
Features & Benefits
■ Power management
■ Low ESL
Application
RoHS
Pb
Resources
Accessories
Samples
Additional Information
Electrical Specifications
Part Number
Size
Resistance Value
Power Rating
(W)
TCR
(ppm / ºC)
Standard
Package Qty
Inch
mm
Ro (mΩ)
Rt (%)
WLTC0508RLR002FNR
0508
1220
2
±1.0%
1
±100
5000
WLTC0508QLR003FNR
0508
1220
3
±1.0%
1
±50
5000
WLTC0508QLR004FNR
0508
1220
4
±1.0%
1
±50
5000
WLTC0508QLR005FNR
0508
1220
5
±1.0%
1
±50
5000
WLTC0612QLR001FNR
0612
1632
1
±1.0%
1
±50
5000
WLTC0612QLR002FNR
0612
1632
2
±1.0%
1
±50
5000
Note: Resistors are available in steps of 1mOhm. Ratings not indicated in the above table may be available on request.


Similar Part No. - WLTC06121M50-R005

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WLT TTELEC-WLT Datasheet
372Kb / 2P
Jumper Resistors
04.21
logo
Welwyn Components Limit...
WLT0652 WELWYN-WLT0652 Datasheet
67Kb / 2P
Jumper Resistors
WLT0752 WELWYN-WLT0752 Datasheet
67Kb / 2P
Jumper Resistors
WLT0852 WELWYN-WLT0852 Datasheet
67Kb / 2P
Jumper Resistors
logo
SICK AG
WLT280L-2P1536 SICK-WLT280L-2P1536 Datasheet
489Kb / 6P
PHOTOELECTRIC SENSORS
More results

Similar Description - WLTC06121M50-R005

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CR0805F1000FT IRCTT-CR0805F1000FT Datasheet
307Kb / 3P
Surface Mount Resistor
logo
List of Unclassifed Man...
RC1206 ETC1-RC1206 Datasheet
433Kb / 9P
Chip Resistor Surface Mount
logo
Bourns Electronic Solut...
PWR4525 BOURNS-PWR4525 Datasheet
123Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
PWR2615 BOURNS-PWR2615 Datasheet
123Kb / 2P
SURFACE MOUNT WIREWOUND RESISTOR
logo
YAGEO Corporation
TC164-JR-070RL YAGEO-TC164-JR-070RL Datasheet
338Kb / 8P
Chip Resistor Surface Mount
logo
Dubilier
RPC DUBILIER-RPC Datasheet
266Kb / 3P
SURFACE MOUNT CHIP RESISTOR
logo
RFE international
RM02 RFE-RM02 Datasheet
1Mb / 5P
Surface Mount Resistor
DEC-01-2023
RMHV RFE-RMHV Datasheet
1Mb / 5P
SURFACE MOUNT RESISTOR
2022.01.19
RMQ RFE-RMQ Datasheet
270Kb / 4P
SURFACE MOUNT RESISTOR
2015.04.15
RMV RFE-RMV Datasheet
705Kb / 4P
SURFACE MOUNT RESISTOR
2017.12.21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com