Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4001B Datasheet(PDF) 2 Page - Silicon Supplies

Part # CD4001B
Description  CMOS High Voltage Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4001B Datasheet(HTML) 2 Page - Silicon Supplies

  CD4001B Datasheet HTML 1Page - Silicon Supplies CD4001B Datasheet HTML 2Page - Silicon Supplies CD4001B Datasheet HTML 3Page - Silicon Supplies CD4001B Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
d 
CMOS High Voltage Logic – CD4001B
Rev 1.0
21/11/17
 
 
Pad Layout and Functions
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1A
0.108
0.340
2
1B
0.165
0.108
3
1Y
0.362
0.108
4
2Y
0.566
0.108
5
2A
0.763
0.108
6
2B
0.820
0.340
7
VSS
0.785
0.542
8
3A
0.820
0.759
9
3B
0.763
0.991
10
3Y
0.566
0.991
11
4Y
0.362
0.991
12
4A
0.165
0.991
13
4B
0.108
0.759
14
VDD
0.108
0.548
CONNECT CHIP BACK TO VDD OR FLOAT
Logic Diagram
Pad 14 = VDD
Pad 7 = VSS
Truth Table
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
H
L
L
L
H = High level (steady state)
L = Low level (steady state)
 
1050µm (41.34 mils)
12
13
11
10
9
8
4
3
2
1
DIE ID
7
6
5
14
0,0
Page 2 of 4 
www.siliconsupplies.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com