Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4001B Datasheet(PDF) 3 Page - Silicon Supplies

Part # CD4001B
Description  CMOS High Voltage Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4001B Datasheet(HTML) 3 Page - Silicon Supplies

  CD4001B Datasheet HTML 1Page - Silicon Supplies CD4001B Datasheet HTML 2Page - Silicon Supplies CD4001B Datasheet HTML 3Page - Silicon Supplies CD4001B Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CMOS High Voltage Logic – CD4001B
Rev 1.0
21/11/17
PARAMETER
SYMBOL
MIN
MAX
UNITS
Supply Voltage
VDD
3.0
18
V
DC Input Voltage, Output Voltage
VIN, VOUT
0
VDD
V
Operating Temperature Range
TJ
-55
+125
°C
Recommended Operating Conditions3 (Voltages referenced to V
SS)
Absolute Maximum Ratings1
PARAMETER
SYMBOL
VALUE
UNIT
DC Supply Voltage (Referenced to VSS)
VDD
-0.5 to +20
V
DC Input or Output Voltage (Referenced to VSS)
VIN, VOUT
-0.5 to VDD+0.5
V
Storage Temperature Range
TSTG
-65 to 150
°C
Input Current or Output Current (per Pad)
IIN, IOUT
±10
mA
Power Dissipation in Still Air
2
PD
750
mW
 
DC Electrical Characteristics (Voltages referenced to V
SS)
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
FULL RANGE
4
UNITS
5V
VOUT = 0.5V
3.5
3.5
3.5
10V
VOUT = 1.0V
7
7
7
Minimum
High-Level
Input Voltage
VIH
15V
VOUT = 1.5V
11
11
11
V
5V
VOUT = 0.5V or VDD -0.5V
1.5
1.5
1.5
10V
VOUT = 0.5V or VDD -0.5V
3
3
3
Maximum
Low-Level
Input Voltage
VIL
15V
VOUT = 0.5V or VDD -0.5V
4
4
4
V
5V
4.95
4.95
4.95
10V
9.95
9.95
9.95
Minimum
High-Level
Output
Voltage
VOH
15V
VIN = 0 or VDD
14.95
14.95
14.95
V
5V
0.05
0.05
0.05
10V
0.05
0.05
0.05
Maximum
Low-Level
Output
Voltage
VOL
15V
VIN = VDD or 0
0.05
0.05
0.05
V
Maximum
Input Leakage
Current
IIN
18V
VIN = VDD or VSS
±0.1
±.0.1
±1.0
µA
5V
0.25
7.5
7.5
10V
0.5
15
15
15V
1.0
30
30
Maximum
Quiescent
Supply
Current
IDD
20V
VIN = VDD or VSS
IOUT = 0µA
5.0
150
150
µA
 
3.  This device contains protection circuitry against damage due to high static voltages or electric fields. However, any voltage higher than maximum
rated voltages to this high-impedance circuit should be avoided. For proper operation, VIN & VOUT should be constrained to the range VSS ≤ (VIN or VOUT)
≤ VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
1.  Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability. 2. Measured in plastic DIP package, results in die form are dependent on die attach and assembly method.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com