Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4049B Datasheet(PDF) 4 Page - Silicon Supplies

Part # CD4049B
Description  CMOS High Voltage Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4049B Datasheet(HTML) 4 Page - Silicon Supplies

  CD4049B Datasheet HTML 1Page - Silicon Supplies CD4049B Datasheet HTML 2Page - Silicon Supplies CD4049B Datasheet HTML 3Page - Silicon Supplies CD4049B Datasheet HTML 4Page - Silicon Supplies CD4049B Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CMOS High Voltage Logic – CD4049B
Rev 1.0
21/11/17
6. Not production tested in die form, characterized by chip design and tested in package.
LIMITS
PARAMETER
SYMBOL
VDD
CONDITIONS
25°C
85°C
FULL RANGE
5
UNITS
4.5V
VIN = VDD or VSS
VOL = 0.4V
3.3
2.6
1.8
5V
VIN = VDD or VSS
VOL = 0.4V
4
3.2
2.4
10V
VIN = VDD or VSS
VOL = 0.5V
10
8
5.6
Minimum Output
Low (Sink) Current
IOL
15V
VIN = VDD or VSS
VOL = 1.5V
26
24
18
mA
5V
VIN = VDD or VSS
VOH = 2.5V
-2.6
-2.1
-1.55
5V
VIN = VDD or VSS
VOH = 4.6V
-0.81
-0.65
-0.48
10V
VIN = VDD or VSS
VOH = 9.5V
-2.0
-1.65
-1.18
Minimum Output
High (Source)
Current
IOH
15V
VIN = VDD or VSS
VOH = 13.5V
-5.2
-4.3
-3.1
mA
 
DC Electrical Characteristics Continued (Voltages referenced to V
SS)
AC Electrical Characteristics6
LIMITS
PARAMETER
SYMBOL
VIN
VDD
CONDITIONS
25°C
85°C
FULL RANGE
5
UNITS
5V
5V
120
120
240
10V
10V
65
65
130
10V
5V
90
90
180
15V
15V
50
50
100
Maximum
Propagation
Delay, Input A to
Output Y
(Figure 1)
tPLH
15V
5V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
90
90
180
ns
5V
5V
65
65
130
10V
10V
40
40
80
10V
5V
30
30
60
15V
15V
30
30
60
Maximum
Propagation
Delay, Input A to
Output Y
(Figure 1)
tPHL
15V
5V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
20
20
40
ns
5V
5V
160
160
320
10V
10V
80
80
160
Output
Transition Time,
Any Output
(Figure 1)
tTLH
15V
15V
CL = 50pF,
RL = 200kΩ
tr = tf = 20ns
60
60
120
ns
5. -55˚C ≤ TJ ≤ +125˚C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com