Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4049B Datasheet(PDF) 2 Page - Silicon Supplies

Part # CD4049B
Description  CMOS High Voltage Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

CD4049B Datasheet(HTML) 2 Page - Silicon Supplies

  CD4049B Datasheet HTML 1Page - Silicon Supplies CD4049B Datasheet HTML 2Page - Silicon Supplies CD4049B Datasheet HTML 3Page - Silicon Supplies CD4049B Datasheet HTML 4Page - Silicon Supplies CD4049B Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
CMOS High Voltage Logic – CD4049B
Rev 1.0
21/11/17
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
VDD
0.110
0.505
2
1Y
0.110
0.305
3
1A
0.110
0.110
4
2Y
0.542
0.110
5
2A
0.982
0.110
6
3Y
1.320
0.110
7
3A
1.320
0.280
8
VSS
1.320
0.700
9
4A
1.320
1.090
10
4Y
1.320
1.270
11
5A
0.942
1.270
12
5Y
0.542
1.270
13
6A
0.110
1.270
14
6Y
0.110
1.020
CONNECT CHIP BACK TO VDD OR FLOAT
 
Pad Layout and Functions
Logic Diagram
Truth Table
INPUTS
A
OUTPUT
Y
H 
L
L 
H
H = High level (steady state)
L = Low level (steady state)
 
1550µm (61.02 mils)
0,0
12
13
11
10
9
8
4
3
2
1
DIE ID
7
6
5
14
PAD 1 = VDD
PAD 8 = VSS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com