Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC322 Datasheet(PDF) 4 Page - DFI Inc

Part # EC322
Description  3rd/2nd Gen Intel® CoreTM Modular-Designed Embedded Systems
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC322 Datasheet(HTML) 4 Page - DFI Inc

  EC322 Datasheet HTML 1Page - DFI Inc EC322 Datasheet HTML 2Page - DFI Inc EC322 Datasheet HTML 3Page - DFI Inc EC322 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
Optional Items
Packing List
EC322 Series
3rd/2nd Gen Intel® CoreTM
Modular-Designed Embedded Systems
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 14, 2015 DFI Inc.
Important:
Due to EC322’s unique construction, the system will be delivered with a built-in processor. Make sure to inform your sales
representative the processor of your choice.
Model Name
Part Number
Description
EC322-CR6G60 750-EC3220-100G
Fanless, i7/i5/i3, QM77, 2 LAN, 1 VGA, 6 COM, 16-bit GPIO, 6 USB, 2 PCIe x16, RoHS
EC322-CRA060
750-EC3220-200G
Fanless, i7/i5/i3, QM77, 2 LAN,1 VGA, 10 COM, 6 USB, 2 PCIe x16, RoHS
EC322-CR6881
750-EC3220-300G
Fanless, i7/i5/i3, QM77, 2 LAN, 1 DVI, 1 VGA, 6 COM, 8-bit GPIO, 8 USB, 2 PCIe x16, RoHS
EC322-CR4G65 750-EC3220-400G
Fanless, i7/i5/i3, QM77, 5 LAN, 1 VGA, 4 COM, 16-bit GPIO, 6 USB, 2 PCIe x16, RoHS
EC322-CR4866
750-EC3220-000G
Fanless, i7/i5/i3, QM77, 4 PoE Gigabit LAN, 2 LAN, 1 VGA, 4 COM, 8-bit GPIO, 6 USB,
2 PCIe x16, RoHS
• 1 EC322 system unit
• 1 SATA data/power cable
• 1 120W power adapter (-CR6G60/-CRA060/-CR6881/-CR4G65)
• 1 160W power adapter (-CR4866)
• 1 Quick Installation Guide
• 1 CD disk includes:
- Drivers / Manual
Optional Items
Part Number
Description
CPU
785-CP988BML
CPU, Socket 988B, Long-term support, RoHS
Memory
785-RSOD38G-L
SODIMM, DDR3L Module (supports dual voltage 1.5V DDR3/1.35V DDR3L), 8GB, RoHS
785-RSOD34G-L
SODIMM, DDR3L Module (supports dual voltage 1.5V DDR3/1.35V DDR3L), 4GB, RoHS
785-RSOD32G-L
SODIMM, DDR3L Module (supports dual voltage 1.5V DDR3/1.35V DDR3L), 2GB, RoHS
785-RSOD31G
SODIMM, DDR3 Module, 1GB, RoHS
HDD
785-H25500G
2.5” SATA HDD, 500GB, RoHS
785-H25320G
2.5” SATA HDD, 320GB, RoHS
785-S251TBG
2.5" SATA SSD, 1TB MLC, RoHS
785-S25512G
2.5" SATA SSD, 512GB MLC, RoHS
785-S25256G
2.5" SATA SSD, 256GB MLC, RoHS
785-S25128G
2.5" SATA SSD, 128GB MLC, RoHS
785-S25064G
2.5" SATA SSD, 64GB MLC, RoHS
HDD Bracket
761-EC3000-200G
2nd HDD Bracket kit, RoHS
mSATA
785-MS128GMF
mSATA Card, 128GB MLC, RoHS
785-MS64GMF
mSATA Card, 64GB MLC, RoHS
785-MS32GMF
mSATA Card, 32GB MLC, RoHS
785-MS16GMF
mSATA Card, 16GB MLC, RoHS
785-MS08GMF
mSATA Card, 8GB MLC, RoHS
785-MS04GMF
mSATA Card, 4GB MLC, RoHS
CF
785-CF08G
CF Card, 8G, Industrial Grade SLC
3G
785-EC3G
For EC3xx Series and EC2xx Series 3G Module
Wi-Fi
761-110091-000G
Wi-Fi Kit, RoHS
Power Cord
785-PWRD
Power Cord, Standards (USA/EUR/CH), 1.8m, RoHS
Wall Mount
785-EC3WMK
Wall Mount Kit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com