Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC322 Datasheet(PDF) 1 Page - DFI Inc

Part # EC322
Description  3rd/2nd Gen Intel® CoreTM Modular-Designed Embedded Systems
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC322 Datasheet(HTML) 1 Page - DFI Inc

  EC322 Datasheet HTML 1Page - DFI Inc EC322 Datasheet HTML 2Page - DFI Inc EC322 Datasheet HTML 3Page - DFI Inc EC322 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Wide Voltage
9V
30V
EC322 Series
Panel
3rd/2nd Gen Intel® CoreTM
Modular-Designed Embedded Systems
Features
3G
Wi-Fi
PoE LAN
Modular-Designed
Systems
2 PCIe x16
expansion
slots
• Fanless, compact design for industrial applications
• Supports DDR3/DDR3L SODIMM up to 16GB
• Up to 2x 2.5" SATA drive bay, 1 CF socket
• Supports mSATA via the mini PCIe slot
• 2 PCIe x16 expansions (x8 signal)
GPIO
COM3
COM4
COM5
DC-In
Power
HDD
COM1
COM2
VGA
USB 3.0
LAN
Speaker-out
Reset
EC322-CR6G60 Rear View
COM6
LAN
Alert
GPIO
PCIe x16 slots
(x8 signal)
EC322-CRA060 Rear View
Front View
COM4
COM6
COM10 COM8
COM5
COM3
DC-In
Power
HDD
COM1
COM2
VGA
USB 3.0
LAN
Speaker-out
Reset
LAN
Alert
COM7
COM9
EC322-CR6881 Rear View
DC-In
Power
HDD
COM1
COM2
VGA
USB 3.0
LAN
Speaker-out
Reset
LAN
Alert
COM3
COM4
COM5
COM6
USB 2.0
USB 2.0
GPIO
DC-In
Power
HDD
COM1
COM2
VGA
USB 3.0
LAN
Speaker-out
Reset
LAN
Alert
GPIO
COM3
COM4
LAN
GPIO
EC322-CR4G65 Rear View
PCIe x16 slots
(x8 signal)
PCIe x16 slots
(x8 signal)
PCIe x16 slots
(x8 signal)
EC322-CR4866 Rear View
COM3
COM4
PoE Gigabit LAN
GPIO
DC-In
Power
HDD
COM1
COM2
VGA
USB 3.0
LAN
Speaker-out
Reset
LAN
Alert
PCIe x16 slots
(x8 signal)
DVI
(DVI-D signal)
QM77
HDD LED
Reset
ALERT LED
Power
USB 2.0
Wi-Fi Module
Antenna Hole
Wi-Fi Module
Antenna Hole


Similar Part No. - EC322

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
EC3220-24.000M ECLIPTEK-EC3220-24.000M Datasheet
237Kb / 4P
OSCILLATOR
EC3220-24.000M-CL ECLIPTEK-EC3220-24.000M-CL Datasheet
237Kb / 4P
OSCILLATOR
EC3220-24.000M-G ECLIPTEK-EC3220-24.000M-G Datasheet
237Kb / 4P
OSCILLATOR
EC3220-24000M ECLIPTEK-EC3220-24000M Datasheet
237Kb / 4P
OSCILLATOR
EC3220-24000M-CL ECLIPTEK-EC3220-24000M-CL Datasheet
237Kb / 4P
OSCILLATOR
More results

Similar Description - EC322

ManufacturerPart #DatasheetDescription
logo
GSR Technology Ltd
CL630-CRM GSR-CL630-CRM Datasheet
801Kb / 2P
3rd/2nd Gen Intel짰 Xeon짰 / Intel짰 CoreTM ATX
CR100-CRM GSR-CR100-CRM Datasheet
729Kb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
HR100-CRM GSR-HR100-CRM Datasheet
1Mb / 2P
3rd/2nd Gen Intel짰 CoreTM Mini-ITX
MB330-CRM GSR-MB330-CRM Datasheet
397Kb / 2P
3rd/2nd Gen Intel짰 CoreTM microATX
MB331-CRM GSR-MB331-CRM Datasheet
372Kb / 2P
3rd/2nd Gen Intel짰 CoreTM microATX
SB330-CRM GSR-SB330-CRM Datasheet
333Kb / 2P
3rd/2nd Gen Intel짰 CoreTM microATX
logo
DFI Inc
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
EC541-HD DFI-EC541-HD Datasheet
1Mb / 4P
4th Gen Intel CoreTM Modular-Designed Embedded System
DT122-SB DFI-DT122-SB Datasheet
871Kb / 4P
3rd/2nd Gen Intel CoreTM Desktop Box PC
WM343-MB DFI-WM343-MB Datasheet
769Kb / 2P
3rd/2nd Gen Intel CoreTM Processor Desktop Box PC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com