Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC543-CS Datasheet(PDF) 5 Page - DFI Inc

Part # EC543-CS
Description  8th/9th Gen Intel® CoreTM Modular-Designed Embedded System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC543-CS Datasheet(HTML) 5 Page - DFI Inc

  EC543-CS Datasheet HTML 1Page - DFI Inc EC543-CS Datasheet HTML 2Page - DFI Inc EC543-CS Datasheet HTML 3Page - DFI Inc EC543-CS Datasheet HTML 4Page - DFI Inc EC543-CS Datasheet HTML 5Page - DFI Inc EC543-CS Datasheet HTML 6Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.dfi.com
SPECIFICATION
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 64 Bit
Linux
Linux (available upon request)
ENVIRONMENT
Operating Temperature
-20 to 60°C (SSD or mSATA)
Storage Temperature
-20 to 85°C
Relative Humidity
5 to 95% RH (non-condensing)
MECHANICAL
Construction
Metal + Aluminum
Mounting
Wall mount
Dimensions (W x H x D) 255.3 x 195 x 224mm
Weight
5.4 kg
STANDARDS AND
CERTIFICATIONS
Shock
Half sine wave 3G, 11ms, 3 shock per axis
Vibration
IEC68-2-64
Certifications
CE, FCC Class A, UKCA
P/N
Model Name
CPU
COM
USB 3.1 USB 2.0 LAN
PoE
DIO
(DB9, 8bit)
DIO
(terminal block, 16bit)
750-EC5430-100G
EC543-CS6G86-Q
–
6
4
4
6
0
-
1
750-EC5430-400G
EC543-CS6G86-Q
i5-8500T
750-EC5430-800G
EC543-CS6G86-Q
i7-8700T
750-EC5430-000G
EC543-CS6G86E-Q
–
2
4
750-EC5430-600G
EC543-CS6G86E-Q
i5-8500T
750-EC5430-900G
EC543-CS6G86E-Q
i7-8700T
750-EC5430-500G
EC543-CS6881-Q
–
0
1
-
750-EC5430-300G
EC543-CS6881-Q
i5-8500T
750-EC5430-700G
EC543-CS6881-Q
i7-8700T
750-EC5430-200G
EC543-CS98A1-Q
–
9
8
2
750-EC5430-B00G
EC543-CS98A1-Q
i5-8500T
750-EC5430-A00G
EC543-CS98A1-Q
i7-8700T
750-EC5430-C00G
EC543-CS98A1-Q
i7-9700TE
*All above configurations are equipped with Q370 PCH, remote switch and support 2x2.5" external removable drive bay, 4 expansion slot
(1x PCIe x16, 1x PCIe x4, 1x PCIe x1, 1x PCI), 3xM.2 slots(1x M.2 2280 M key, 1x M.2 2230 E key, 1x M.2 3042/3052 B key), 2xHDMI/DP(Auto) ,
1xVGA and 9V~36Vdc input
SYSTEM MODELS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com