Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC543-CS Datasheet(PDF) 1 Page - DFI Inc

Part # EC543-CS
Description  8th/9th Gen Intel® CoreTM Modular-Designed Embedded System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC543-CS Datasheet(HTML) 1 Page - DFI Inc

  EC543-CS Datasheet HTML 1Page - DFI Inc EC543-CS Datasheet HTML 2Page - DFI Inc EC543-CS Datasheet HTML 3Page - DFI Inc EC543-CS Datasheet HTML 4Page - DFI Inc EC543-CS Datasheet HTML 5Page - DFI Inc EC543-CS Datasheet HTML 6Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EC543-CS Q370
PANEL
Rear View
Front View
KEY FEATURES
DDR4
DDR4 SODIMM up to 64GB
Three Independent Displays
1 VGA + 2 HDMI/DP++ (auto detection)
Wide-Temperature
Operating Temperature: -20 to 60°C
PoE
Multiple Expansion
3 PCIe, 1 PCI and 3 M.2 slots support NVMe
Support 5G Communication
Support 5G communication
8th/9th Gen Intel® CoreTM
Modular-Designed Embedded System
Support 4 PoE (EC543-CS6G86E-Q)
Status,
HDD LED
USB 2.0
Lan1~2
LAN3~6
VGA
DC-in
HDMI/DP++
(Auto Detection)
COM
DIO
USB 3.1
Remote Switch
Power USB 2.0
COM
Mic-in
Line-Out
EC543-CS6G86-Q


Similar Part No. - EC543-CS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC543-ADS DFI-EC543-ADS Datasheet
977Kb / 4P
12th Gen Intel® CoreTM Modular-Designed Embedded System
EC543-ADS62GA6-Q DFI-EC543-ADS62GA6-Q Datasheet
977Kb / 4P
12th Gen Intel® CoreTM Modular-Designed Embedded System
EC543-ADS62GA6E-Q DFI-EC543-ADS62GA6E-Q Datasheet
977Kb / 4P
12th Gen Intel® CoreTM Modular-Designed Embedded System
EC543-ADS6881-Q DFI-EC543-ADS6881-Q Datasheet
977Kb / 4P
12th Gen Intel® CoreTM Modular-Designed Embedded System
EC543-ADSAGE4-Q DFI-EC543-ADSAGE4-Q Datasheet
977Kb / 4P
12th Gen Intel® CoreTM Modular-Designed Embedded System
More results

Similar Description - EC543-CS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
EC532-KD-AI DFI-EC532-KD-AI Datasheet
923Kb / 4P
6th/7th Gen Intel Core Processor Modular-Designed Embedded System
EC533-KD-AI DFI-EC533-KD-AI Datasheet
1Mb / 4P
6th/7th Gen Intel Core Processor Modular-Designed Embedded System
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
EC553-DL DFI-EC553-DL Datasheet
1Mb / 2P
4th Gen Intel Xeon / Intel Core Modular-Designed Embedded System
EC550 DFI-EC550 Datasheet
1Mb / 2P
4th Gen Intel Core Modular-Designed Embedded System
EC541-HD DFI-EC541-HD Datasheet
1Mb / 4P
4th Gen Intel CoreTM Modular-Designed Embedded System
logo
Advantech Co., Ltd.
EPC-P30X6 ADVANTECH-EPC-P30X6 Datasheet
648Kb / 2P
2U system with 8th/9th Gen Intel® Core™ i CPU (LGA 1151)
9-Feb-2022
logo
BCM Advanced Research.
EPS-CFS BCM-EPS-CFS Datasheet
406Kb / 1P
Intel® 8th/9th Coffee Lake Rugged Fanless Embedded System
2020/04/27
logo
AAEON Technology
BOXER-6842M AAEON-BOXER-6842M Datasheet
1Mb / 2P
Fanless Embedded Controller with 8th/9th Generation Intel® Processor
2022/04/13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com