Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC600-RPS Datasheet(PDF) 4 Page - DFI Inc

Part # EC600-RPS
Description  14th/13th/12th Gen Intel® CoreTM Modular-Designed Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC600-RPS Datasheet(HTML) 4 Page - DFI Inc

  EC600-RPS Datasheet HTML 1Page - DFI Inc EC600-RPS Datasheet HTML 2Page - DFI Inc EC600-RPS Datasheet HTML 3Page - DFI Inc EC600-RPS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © January 29, 2025 DFI Inc.
•
1 EC600-RPS system unit
•
1 M.2 & miniPCIe slot screws set
•
1 Terminal block 4 pole for DC input
•
1 Cable with 4 wire stripped and tinned to mini-DIMM
PACKING LIST
ORDERING INFORMATION
Model Name
Part Number
CPU
PCH HDMI DP++ VGA USB-C USB 3.2
(Gen2x1)
USB
2.0 COM LAN PoE
SIM
Slot
TPM
EC600-RPS:EC600-
RPS606C6-H
750-EC60000-000G
i7-14700T
H610E
1
1
1
1
3
2
6
6
0
2
TPM 2.0
EC600-RPS:EC600-
RPSA06C6-R
750-EC60000-100G
R680E
5
0
10
6
0
EC600-RPS:EC600-
RPS606C6E-H
750-EC60000-200G
H610E
3
2
6
4
2
EC600-RPS:EC600-
RPSA06C6E-R
750-EC60000-300G
R680E
5
0
10
4
2
Model Name
EC600-RPS-H610E
EC600-RPS-R680E
FRONT I/O
Ethernet
2 x 2.5 GbE (RJ-45)
4 x GbE (RJ-45), optional 2 x GbE & 2 x PoE
2 x 2.5 GbE (RJ-45)
4 x GbE (RJ-45), optional 2 x GbE & 2 x PoE
Serial
2 x RS232/422/485
(DB-9, selectable by BIOS, COM1 can select
serial port or DIO by jumper setting)
2 x RS232/422/485
(DB-9, selectable by BIOS, COM1 can select
serial port or DIO by jumper setting)
USB
3 x USB 3.2 (Gen2x1)
2 x USB 2.0
1 x USB Type-C (Alt. mode)
5 x USB 3.2 (Gen2x1)
1 x USB Type-C (Alt. mode)
Display
1 x HDMI
1 x DP++
1 x HDMI
1 x DP++
DIO
8 bit (DB-9, share with COM1)
8 bit (DB-9, share with COM1)
FRONT I/O
Buttons
1 x Power button
1 x Reset button
1 x Power button
1 x Reset button
Antenna
4 x Antenna hole
4 x Antenna hole
REAR I/O
Serial
4 x RS232 (DB-9)
8 x RS232 (DB-9)
Display
1 x VGA
1 x VGA
SIM
2 x Nano SIM slot (external)
2 x Nano SIM slot (external)
WATCHDOG TIMER Output & Interval System reset, programmable via software from
1 to 255 seconds
System reset, programmable via software from
1 to 255 seconds
SECURITY
TPM
TPM 2.0
TPM 2.0
POWER
Type
Wide range 9~36V
Wide range 9~36V
Connector
4-pole terminal block
4-pole terminal block
OS SUPPORT
Microsoft
Windows 10 IoT Enterprise 2021 LTSC
Windows 11
Windows 10 IoT Enterprise 2021 LTSC
Windows 11
Linux
Linux (available upon request)
Linux (available upon request)
MECHANISM
Construction
Metal + Aluminum
Metal + Aluminum
Mounting
Wall Mount
Wall Mount
Dimensions
(W x H x D)
249.5 x 85 x 223mm
249.5 x 85 x 223mm
Weight
4.5 kg
4.5 kg
ENVIRONMENT
Operating
Temp.
TDP 35W CPU: -20 to 70°C (wide temperature
M.2 SSD storage & airstream 0.7m/sec)
TDP 65W CPU: -20 to 50°C (wide temperature
M.2 SSD storage & airstream 0.7m/sec)
TDP 35W CPU: -20 to 70°C (wide temperature
M.2 SSD storage & airstream 0.7m/sec)
TDP 65W CPU: -20 to 50°C (wide temperature
M.2 SSD storage & airstream 0.7m/sec)
Storage
Temp.
-20 to 85°C
-20 to 85°C
Relative Humidity 5 to 95% RH (non-condensing)
5 to 95% RH (non-condensing)
STANDARDS AND
CERTIFICATIONS
Shock
Half sine wave 3G, 11ms, 3 shock per axis
Half sine wave 3G, 11ms, 3 shock per axis
Vibration
IEC68-2-64
IEC68-2-64
Certification
CE, FCC Class A
CE, FCC Class A
SPECIFICATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com