Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC600-RPS Datasheet(PDF) 1 Page - DFI Inc

Part # EC600-RPS
Description  14th/13th/12th Gen Intel® CoreTM Modular-Designed Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC600-RPS Datasheet(HTML) 1 Page - DFI Inc

  EC600-RPS Datasheet HTML 1Page - DFI Inc EC600-RPS Datasheet HTML 2Page - DFI Inc EC600-RPS Datasheet HTML 3Page - DFI Inc EC600-RPS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
14th/13th/12th Gen Intel® CoreTM
Modular-Designed Embedded System
EC600-RPS-H610E
EC600-RPS-R680E
KEY FEATURES
DDR5
DDR5 SODIMM up to 64GB
Support OOB
DFI OOB module (M.2 3042 A key)
Wide-Temperature
Operating temperature: -20 to 70°C
Rich I/O
2 2.5GbE, 4 GbE, 5 USB3.2 Gen2, 1 USB type-C,
1 VGA, 1 HDMI, 1 DP++, 10 com port
Multiple Expansion
5 M.2 slots (1 M.2 2230 E key, 2 M.2 2280 M
key, 1 M.2 3042/3052 B key, 1 M.2 3042 A key)
1 mini-PCIe slot (full size)
PANEL
Front View
Rear View (H610E)
Rear View (R680E)
Support 5G Communication
Support 5G communication
COM 3~6
COM 3~10
LAN
2.5G
LAN
DP++
USB 3.2
SIM Slot
SIM Slot
VGA
VGA
LAN
COM 1/2
USB 3.2
USB
Type-C
HDMI
Power
Button
DC-in
OOB


Similar Part No. - EC600-RPS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EC600-103 VISHAY-EC600-103 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC600-104 VISHAY-EC600-104 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC600-253 VISHAY-EC600-253 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC600-502 VISHAY-EC600-502 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
EC600-503 VISHAY-EC600-503 Datasheet
179Kb / 2P
High Voltage DC Filter Capacitors
11-Aug-10
More results

Similar Description - EC600-RPS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC532-KD-AI DFI-EC532-KD-AI Datasheet
923Kb / 4P
6th/7th Gen Intel Core Processor Modular-Designed Embedded System
EC533-KD-AI DFI-EC533-KD-AI Datasheet
1Mb / 4P
6th/7th Gen Intel Core Processor Modular-Designed Embedded System
SU256-SCM DFI-SU256-SCM Datasheet
768Kb / 2P
6th Gen Intel® CoreTM 4"
July 27, 2020
EC553-DL DFI-EC553-DL Datasheet
1Mb / 2P
4th Gen Intel Xeon / Intel Core Modular-Designed Embedded System
EC550 DFI-EC550 Datasheet
1Mb / 2P
4th Gen Intel Core Modular-Designed Embedded System
EC541-HD DFI-EC541-HD Datasheet
1Mb / 4P
4th Gen Intel CoreTM Modular-Designed Embedded System
EC500-CS DFI-EC500-CS Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC531-HD DFI-EC531-HD Datasheet
1Mb / 4P
Modular-Designed Embedded System
EC532-DL DFI-EC532-DL Datasheet
1Mb / 4P
Modular-Designed Embedded System
logo
Advantech Co., Ltd.
MIO-5377 ADVANTECH-MIO-5377 Datasheet
998Kb / 2P
12th Gen. Intel® CoreTM i7/ i5/ i3 P-series 3.5" SBC
13-Jul-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com