Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC700-ASL Datasheet(PDF) 5 Page - DFI Inc

Part # EC700-ASL
Description  Intel® Processor Industrial RE Series Fanless Embedded System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC700-ASL Datasheet(HTML) 5 Page - DFI Inc

  EC700-ASL Datasheet HTML 1Page - DFI Inc EC700-ASL Datasheet HTML 2Page - DFI Inc EC700-ASL Datasheet HTML 3Page - DFI Inc EC700-ASL Datasheet HTML 4Page - DFI Inc EC700-ASL Datasheet HTML 5Page - DFI Inc EC700-ASL Datasheet HTML 6Page - DFI Inc EC700-ASL Datasheet HTML 7Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.dfi.com
ORDERING INFORMATION
Model
Part Number
Sys
Height
CPU
Mry.
Down
Operating
Temp.
I/O
Display
Expansion
DFI
OOB
USB
LAN
Serial
EC700-ASL
750-EC7005-400G
33mm
x7433RE
16GB
-40 to
60°C
3 USB-A
1 USB-C
2 2.5GbE
1 GbE
2 RS232/422/485
1 RS232
1 RS232/DIO
•
1 HDMI
•
1 VGA
•
1 DP 1.2
Alt. Mode
via USB-C
•
M.2 M key:
PCIe/SATA
(auto detect)
•
M.2 B Key:
USB3.0/
USB2.0/
PCIe
•
M.2 E Key:
USB2.0/PCIe
Yes
750-EC7005-000G
X7835RE
*One more display output via USB-C by Opt.
**EC710-ASL with 43mm system height by project support.
•
1 System unit
Optional Items
Part Number
Description
Adapter
671-106012-000G
60W 12V inlet C14, locable DC Jack 5.5/2.5mm, cable length 1500mm
Power Cord
332-700010-201G
Power Cord US 3pin 1830mm Length
A81-004003-000G
Power Cord EU 2pin 1830mm Length
A81-000001-000G
Power Cord China 3pin 1830mm Length
A81-000046-000G
Power Cord JP 3pin 1830mm length (with DFI PSE logo)
Mount Kits
761-EC7004-000G
EC700-ASL Din Rail Kit for 33mm height chassis
761-EC7004-100G
EC700-ASL/EC710-ASL wall mount Kit
761-EC7004-200G
EC700-ASL/EC710-ASL VESA mount Kit
761-EC7004-300G
EC710-ASL Din Rail Kit for 43mm height chassis
EMMC Module
774-EMMCBD1-000G EMMC Board 64GB, -40°C~+85°C
774-EMMCBD1-200G EMMC Board 128GB, -40°C~+85°C
OPTIONAL ITEMS
PACKING LIST



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com