Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC700-ASL Datasheet(PDF) 1 Page - DFI Inc

Part # EC700-ASL
Description  Intel® Processor Industrial RE Series Fanless Embedded System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC700-ASL Datasheet(HTML) 1 Page - DFI Inc

  EC700-ASL Datasheet HTML 1Page - DFI Inc EC700-ASL Datasheet HTML 2Page - DFI Inc EC700-ASL Datasheet HTML 3Page - DFI Inc EC700-ASL Datasheet HTML 4Page - DFI Inc EC700-ASL Datasheet HTML 5Page - DFI Inc EC700-ASL Datasheet HTML 6Page - DFI Inc EC700-ASL Datasheet HTML 7Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Intel® Processor Industrial RE Series
Fanless Embedded System
EC700-ASL/
EC710-ASL
KEY FEATURES
On Board OOB built-in
Hardware status remote control & monitor,
BIOS remote setup/update, OS remote
recovery, Open-SSH/UEFI Shell/In-Band
Windows support
Intel TCC within the system
Supported by Industrial RE Series CPU and
TSN standard up to 2.5GbE (Opt.)
Slim and Fanless
Slim and fanless design for limited-space
condition
Up to Quad Display Support
Support via HDMI/USB-C/VGA,
Quad display support by Dev
On Board DDR5 & eMMC
Support
LPDDR5 4800 MHz memory down
eMMC module – Easy maintenance
PANEL: EC700-ASL
PANEL: EC710-ASL
Antenna
holes
Antenna
holes
Antenna
holes
Antenna
holes
Antenna
holes
Antenna
holes
Antenna
holes
Antenna
holes
LAN1/2
(2.5G)
LAN1/2
(2.5G)
USB-C
HDMI
HDMI
USB 3.2
Type A
USB 3.2
Type A
LAN3
USB 3.2
Type A
LAN3
COM 3
COM 3
COM 1
COM 1
COM 2
COM 2
VGA
VGA
Power
Buttoon
Power
Buttoon
COM 4/
DIO
COM 4/
DIO
Line out/
Mic in
Line out/
Mic in
Rear View
Rear View
Front View
Front View
System Height = 33mm
System Height = 43mm
USB-C
USB 3.2
Type A
OOB


Similar Part No. - EC700-ASL

ManufacturerPart #DatasheetDescription
logo
DFI Inc
EC700-ADN DFI-EC700-ADN Datasheet
1Mb / 7P
Intel® Processor N-series/Atom® Processor X Series Fanless Embedded System
EC700-AL DFI-EC700-AL Datasheet
1Mb / 5P
Fanless Embedded System
More results

Similar Description - EC700-ASL

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX730-860-FL AXIOMTEK-EBOX730-860-FL_17 Datasheet
295Kb / 1P
Fanless Embedded System with Intel Core i7/i3 & Celeron Processor
EBOX625-841-FL AXIOMTEK-EBOX625-841-FL_17 Datasheet
315Kb / 1P
Fanless Embedded System with Intel Atom Processor E3826 1.46 GHz
TBOX312-870-FL AXIOMTEK-TBOX312-870-FL_17 Datasheet
512Kb / 2P
Fanless Embedded System with 3rd Gen Intel Core Processor
TBOX321-870-FL AXIOMTEK-TBOX321-870-FL_17 Datasheet
594Kb / 2P
Fanless Embedded System with 3rd Gen Intel Core Processor
TBOX323-835-FL AXIOMTEK-TBOX323-835-FL_17 Datasheet
622Kb / 2P
Fanless Embedded System with Intel Atom Processor
logo
Advantech Co., Ltd.
EPC-C301 ADVANTECH-EPC-C301 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
logo
AAEON Technology
BOXER-6405M AAEON-BOXER-6405M Datasheet
358Kb / 2P
Fanless Compact Embedded Computer with Intel® Celeron®/Pentium® Processor
BOXER-6616 AAEON-BOXER-6616 Datasheet
579Kb / 2P
Fanless Embedded Box PC with Intel® Celeron® Processor N3350/N4200
2023/05/24
logo
BCM Advanced Research.
EPC-APL BCM-EPC-APL Datasheet
394Kb / 1P
Intel® Pentium® N4200/ Celeron® N3350 Processor Fanless Tiny System
07/25/2018
logo
AAEON Technology
BOXER-6842M AAEON-BOXER-6842M Datasheet
1Mb / 2P
Fanless Embedded Controller with 8th/9th Generation Intel® Processor
2022/04/13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com