Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC710-ASL Datasheet(PDF) 2 Page - DFI Inc

Part # EC710-ASL
Description  Intel® Processor Industrial RE Series Fanless Embedded System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC710-ASL Datasheet(HTML) 2 Page - DFI Inc

  EC710-ASL Datasheet HTML 1Page - DFI Inc EC710-ASL Datasheet HTML 2Page - DFI Inc EC710-ASL Datasheet HTML 3Page - DFI Inc EC710-ASL Datasheet HTML 4Page - DFI Inc EC710-ASL Datasheet HTML 5Page - DFI Inc EC710-ASL Datasheet HTML 6Page - DFI Inc EC710-ASL Datasheet HTML 7Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.dfi.com
BLOCK DIAGRAM
Amston Lake
4800 MT/s
DDIA
HDA
MDI
MDI
MDI
NC-SI
eSPI
Line out
Line in
eDP Bus
PCIe
PCIe
SPI Bus
UART
I2C
PCIe
PCIe / SATA 3.0
USB 2.0
GPIO
PCIe
9V~36V IN
USB 3.2
USB 3.2
TCP (DP/USB 3.2)
USB 2.0
SMBus
eMMC
I2C
RTC
CC
CC
USB 2.0
USB 2.0
Case Open
USB 2.0
USB 2.0
USB 2.0
CNVi
USB 3.2
PCIe
PCIe
PCIe
USB 2.0
TCP (USB 3.2)
UART
UART
UART
UART
LPDDR5 Memory Down
HDMI 1.4
ALC888S
Codec
Right Angle Connector (4-pin, default)
DC-in Jack (by request)
PD Controller
(ITE8853)
eMMC
I2C
1x5 Pin Header
CR2032
Battery Header
ASM1182
TPM 2.0
NPCT750AADYX
Audio Jack
VGA
RJ45
RJ45
RJ45
IT6516BFN
I226V/LM
Intel i210
SPI ROM
M.2 2242/2280
M Key
DFI OOB
eMMC
I226V/LM
Super I/O
IT8786
USB 3.2
USB 3.2
USB 2.0
2x5 Pin Header
M.2 2230
E Key
M.2 3042/3052
B Key
USB-C
USB 3.2
RS232/422/485
Transceiver
Front Panel
Header
RS232/422/485
Transceiver
SIM Slot
DB9
DB9
UART
UART
UART
GPIO
RS232 (Default Transceiver)
RS232/422/485 (Opt. Transceiver)
RS232 (Default Transceiver)
RS232/422/485 (Opt. Transceiver)
DB9
DB9
MUX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com