Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC710-ASL Datasheet(PDF) 4 Page - DFI Inc

Part # EC710-ASL
Description  Intel® Processor Industrial RE Series Fanless Embedded System
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC710-ASL Datasheet(HTML) 4 Page - DFI Inc

  EC710-ASL Datasheet HTML 1Page - DFI Inc EC710-ASL Datasheet HTML 2Page - DFI Inc EC710-ASL Datasheet HTML 3Page - DFI Inc EC710-ASL Datasheet HTML 4Page - DFI Inc EC710-ASL Datasheet HTML 5Page - DFI Inc EC710-ASL Datasheet HTML 6Page - DFI Inc EC710-ASL Datasheet HTML 7Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.dfi.com
SPECIFICATION
Model Name
EC700-ASL
SYSTEM
Processor
Intel® Industrial RE Series
Intel® Processor X7433RE 4 Cores, 1.5GHz to 3.4GHz
Intel® Processor X7213RE 2 Cores, 2.0GHz to 3.4GHz
Intel® Processor X7211RE 2 Cores, 1.0GHz to 3.2 GHz
Intel® Processor X7835RE 8 Cores, 1.3GHz to 3.6GHz
*TCC default disable in BIOS setting
Memory
8GB/16GB LPDDR5 4800 Memory down
BIOS
AMI SPI 256Mbit (supports UEFI boot only)
GRAPHICS
Controller
Intel® UHD Graphics
Feature
Execution Units: Up to 32 EUs
3D API:
Open GL 4.6, DirectX12, Vulkan 1.2 (Windows)
Mesa 3D, OpenGL 4.6, Vulkan 1.2 (Linux)
Precision: FP32, FP16, INT8
Compute: OpenCL 3.0
Display
1 x VGA
1 x HDMI 1.4
1 x USB-C (DP1.2 Alt. Mode)
STORAGE
Internal
1 x M.2 2280 M key (PCIe Gen3/SATA)
*A heatsink & a thermal pad are required.
eMMC
eMMC module insert available
EXPANSION
Interface
1 x M.2 2230 E key (USB 2.0/PCIe, support CNVi)
1 x M.2 3042/3052 B key: USB3.0/USB2.0/PCIe with SIM
1 x M.2 2242/2280 M key (*PCIe/SATA)
AUDIO
Audio Codec
REALTEK ALC888S
ETHERNET
Controller
2 x Intel Ethernet controller i226 2.5GbE (TSN support by project)
1 x Intel Ethernet controller i210 GbE (support DFI OOB function)
LED
Indicators
1 x Power LED
1 x Storage LED
FRONT I/O
Serial
COM 1/2: RS232/422/485
COM 3: RS232
Antenna Hole
2 x antenna holes
Display
1 x VGA
Button
1 x Power Button
1 x Reset Button
REAR I/O
Ethernet
2 x 2.5GbE RJ45
1 x GbE RJ45 (support DFI OOB)
Serial
COM 4: RS232/DIO
USB
3 x USB 3.2 type A
1 x USB-C 3.2
Display
1 x HDMI
Audio
1 x 3.5mm Line out/Mic In
Antenna Hole
2 x antenna holes
Storage
1 x MicroSD (Opt.)
WATCHDOG
TIMER
Output & Interval
System reset, programmable via software from 1 to 255 seconds
SECURITY
TPM
TPM 2.0 support
POWER
Type
Wide range 9~36VDC
RTC Battery
RTC battery CR2032
Connector
2.5mm DC Jack
OS SUPPORT
Microsoft
Windows® 11 IoT Enterprise
Linux
Ubuntu 22.04
ENVIRONMENT
Operating Temperature -40 to 60°C with 0.2m/s air flow
Storage Temperature
-40 to 85°C
Relative Humidity
10 to 90% RH (non-condensing)
MECHANICAL
Construction
Aluminum + Metal
Mounting
Wall mount/VESA Mount/DIN-Rail
Dimensions (W x H x D) 180 x 33 x 127.8 mm
Weight
TBD
STANDARDS
AND
CERTIFICATIONS
Shock
(During Operation)
30G, IEC-60068-2-27
MIL-STD-810G
Vibration
(During Operation)
3 Grms, IEC 60068-2-64
MIL-STD-810G
Certifications
CE, FCC, RoHS, UKCA
*PCIe: PCIex2 support by project



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com