Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC910-8MM Datasheet(PDF) 4 Page - DFI Inc

Part # EC910-8MM
Description  NXP i.MX8M Mini Processor Ultra Small Size Embedded System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC910-8MM Datasheet(HTML) 4 Page - DFI Inc

  EC910-8MM Datasheet HTML 1Page - DFI Inc EC910-8MM Datasheet HTML 2Page - DFI Inc EC910-8MM Datasheet HTML 3Page - DFI Inc EC910-8MM Datasheet HTML 4Page - DFI Inc EC910-8MM Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.dfi.com
SPECIFICATION
Model Name
EC900-8MM
EC910-8MM
Platform
ARM
SYSTEM
Processor
I.MX8M mini
Quad core, VPU/HDR10/GPU,1.6/1.8Ghz,
Commercial temp
I.MX8M mini
Quad core, VPU/HDR10/GPU,1.6/1.8Ghz,
Commercial temp
Memory
LPDDR4 die size, up to 8GB (Default 1GB &
4GB)
LPDDR4 die size, up to 8GB (Default 1GB &
4GB)
DISPLAY
Display
1 x HDMI
HDMI: resolution up to 1920x1080 @ 60 Hz
1 x HDMI
HDMI: resolution up to 1920x1080 @ 60 Hz
Single Display
HDMI
HDMI
STORAGE
External / Internal
eMMC up to 64GB (Default 8GB)
Micro-SD Card Socket
eMMC up to 64GB (Default 8GB)
Micro-SD Card Socket
EXPANSION
Interface
1 x M.2 E key 2230 (USB)
1 x M.2 B key 3042/2242 (USB)
1 x Nano SIM slot
1 x M.2 E key 2230 (USB)
1 x M.2 B key 3042/2242 (USB)
1 x Nano SIM slot
ETHERNET
Controller
1 x ATHEROS Ethernet Controller RTL8211
(10/100/1000Mbps)
1 x Ethernet Controller (10/100/1000Mbps)
1 x ATHEROS Ethernet Controller RTL8211
(10/100/1000Mbps)
1 x Ethernet Controller (10/100/1000Mbps)
LED
Indicators
1 x Status LED
1 x Status LED
I/O
Ethernet
2 x GbE (RJ-45)
2 x GbE (RJ-45)
Serial
1 x RS-485 (Via terminal block)
1 x RS-422 (Via terminal block)
1 x RS-485 (Via terminal block)
1 x RS-422 (Via terminal block)
2 x RS-232 (DB9)
USB
2 x USB 2.0 (type A)
2 x USB 2.0 (type A)
Display
1 x HDMI
1 x HDMI
Button
1 x Power Reset Button
1 x Power Reset Button
Wi-Fi Antenna
2 x Antenna Hole
6 x Antenna Hole
DIO
4-bit DIO (Via terminal block)
4-bit DIO (Via terminal block)
INTERNAL I/O
USB
1 x USB 2.0
1 x OTG USB Type C
1 x USB 2.0
1 x OTG USB Type C
Serial
2 x RS-232
N/A
WATCHDOG TIMER
Output & Interval
System Reset, Programmable via Software
from 1 to 255 Seconds
System Reset, Programmable via Software
from 1 to 255 Seconds
SECURITY
TPM
TPM 2.0/TrustZone(Opt.)
TPM 2.0/TrustZone(Opt.)
POWER
Type
Wide Range 9~36V
Wide Range 9~36V
Connector
Via Terminal Block
Via Terminal Block
Consumption
Idle: 4.6W, Max : 6.4W
Idle: 4.6W, Max : 6.4W
OS SUPPORT
OS Support
Yocto 3.3, Kernel 5.10.72
Yocto 3.3, Kernel 5.10.72
MECHANISM
Construction
Sheet Metal
Sheet Metal
Mounting
DIN Rail Mount
DIN Rail Mount
Dimensions (W x H x D)
145mm x 34mm x 96mm
145mm x 40mm x 96mm
Weight
0.45 kg
0.55kg
ENVIRONMENT
Operating Temperature
-5 to 60°C
-40 to 70°C (available upon request)
-5 to 60°C
-40 to 70°C (available upon request)
Storage Temperature
-40 to 85°C
-40 to 85°C
Relative Humidity
10 to 95% RH (non-condensing)
10 to 95% RH (non-condensing)
STANDARDS AND
CERTIFICATIONS
Shock
Operating: 3G, 11ms
Non-Operating: 5G, 11ms
Operating: 3G, 11ms
Non-Operating: 5G, 11ms
Vibration
Operating: Random 5~500Hz, IEC68-2-64
(3G)
Non-Operating: Sine 10~500Hz, IEC68-2-6
(3G)
Operating: Random 5~500Hz, IEC68-2-64
(3G)
Non-Operating: Sine 10~500Hz, IEC68-2-6
(3G)
Certification
CE, FCC Class A, UKCA, RoHS
CE, FCC Class A, UKCA, RoHS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com