Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC910-8MM Datasheet(PDF) 5 Page - DFI Inc

Part # EC910-8MM
Description  NXP i.MX8M Mini Processor Ultra Small Size Embedded System
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC910-8MM Datasheet(HTML) 5 Page - DFI Inc

  EC910-8MM Datasheet HTML 1Page - DFI Inc EC910-8MM Datasheet HTML 2Page - DFI Inc EC910-8MM Datasheet HTML 3Page - DFI Inc EC910-8MM Datasheet HTML 4Page - DFI Inc EC910-8MM Datasheet HTML 5Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.dfi.com
ORDERING INFORMATION
Model Name
Part Number
Op. Temp.
On board
Memory
LPDDR4
Storage
eMMC
Display
(HDMI)
LAN
(GbE)
USB
2.0 RS-485 RS-422 RS-232 DIO
Security
OS
EC900-8MM 750-EC9001-000G -5~60°C
1GB
8GB
1
2
2
1
1
NA
4-bit
-
Yocto 3.3
(Kernel 5.10)
EC900-8MM 750-EC9001-200G -5~60°C
4GB
NA
-
EC900-8MM 750-EC9001-500G -40~70°C
4GB
NA
-
EC910-8MM 750-EC9101-000G -5~60°C
1GB
2 DB9
-
EC910-8MM 750-EC9101-100G -5~60°C
4GB
2 DB9
-
EC910-8MM 750-EC9101-400G -40~70°C
2GB
2 DB9
-
EC910-8MM 750-EC9101-500G -40~70°C
4GB
2 DB9
-
EC910-8MM 750-EC9101-600G -40~70°C
4GB
2 DB9
TPM 2.0/
TrustZone
Optional Items
Part Number
Description
Power Adapter
671-102002-000G
POWER ADAPTER 100~240V 24V/1A 24W 100x45x31mm L=1500mm(EDAC) EA1024J1 (03)
LV6 RoHS
671-102501-000G
POWER ADAPTER 25W; GST25A24; Input:100~240V; Output:24Vdc/1.04A; 93x54x36mm
L=1800mm Stripped and tinned leads; LV6; GST25A24-DFI(MEAN WELL)RoHS
Power Cord
785-PWRD
Standard (USA/EUR/CH…) Power Cord
WiFi/BT module
612-RTL882-000G
Wi-Fi+BT(V5.0+LE and BR/EDR) M.2 2230 Combo Module Card RTL8822CE(ENLI)RoHS
OPTIONAL ITEMS
•
1 System unit
•
1 10-Pole Terminal Block for RS-422/4-bit DIO
•
1 2-Pole Terminal Block for RS-485
•
1 2-Pole Terminal Block for Power Input
•
1 DIN Rail Bracket/Screw Pack
•
1 Quick Installation Guide
PACKING LIST
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © November 9, 2024 DFI Inc.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com