Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT02 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74ACT02
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT02 Datasheet(HTML) 2 Page - Silicon Supplies

  74ACT02 Datasheet HTML 1Page - Silicon Supplies 74ACT02 Datasheet HTML 2Page - Silicon Supplies 74ACT02 Datasheet HTML 3Page - Silicon Supplies 74ACT02 Datasheet HTML 4Page - Silicon Supplies 74ACT02 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Advanced CMOS TTL Input – 74ACT02
Rev 1.0
18/05/21
Pad Layout and Functions
1200µm (47.24 mils)
0,0
DIE ID
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1Y
0.100
9
10
12
11
0.430
2
1A
0.140
0.100
3
1B
0.480
0.100
8
4
2Y
0.660
0.100
13
5
2A
0.920
0.100
6
2B
0.980
0.380
7
14
7
GND
0.980
0.650
8
3A
0.980
0.900
9
3B
0.920
1.180
1
6
10
3Y
0.660
1.180
11
4A
0.480
1.180
12
4B
0.140
1.180
2
3
4
5
13
4Y
0.100
0.840
14
VCC
0.140
0.640
CONNECT CHIP BACK TO VCC OR FLOAT
Logic Diagram
Truth Table
OUTPUT
INPUTS
A
B
Y
L
L
H
L
H
L
H
L
L
H
H
L
H = High level (steady state)
L = Low level (steady state)
Pad 14 = VCC
Pad 7 = GND
Page 2 of 5
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com