Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT02 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ACT02
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT02 Datasheet(HTML) 1 Page - Silicon Supplies

  74ACT02 Datasheet HTML 1Page - Silicon Supplies 74ACT02 Datasheet HTML 2Page - Silicon Supplies 74ACT02 Datasheet HTML 3Page - Silicon Supplies 74ACT02 Datasheet HTML 4Page - Silicon Supplies 74ACT02 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced CMOS TTL Input – 74ACT02
Quad 2-input NOR gates with LSTTL compatible inputs in bare die form
Rev 1.0
18/05/21
Inputs directly accept TTL
Outputs directly interface CMOS, NMOS and TTL
Outputs Source/Sink 24 mA
Low Input Current: 1µA
Functionally compatible with bipolar 74LS02
Lower power alternative to bipolar logic
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
The 74ACT02 quad 2-input NOR gate is fabricated on a
1.5µm advanced CMOS process combining high speed
LSTTL performance with CMOS low power. The device
performs the Boolean function Y = (A + B) or Y = A • B
in positive logic. Internal circuitry comprises of three
stages and includes buffered output for high noise
immunity and stability. Inputs are directly compatible
with LSTTL outputs. All inputs are protected against
ESD and excess voltage transients.
Description
Die Dimensions in µm (mils)
1200 (47.24)
For High Reliability versions of this product please see
54ACT02
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Die Size (Unsawn)
1200 x 1400
47 x 55
µm
mils
Minimum Bond Pad Size
130 x 130
5.12 x 5.12
µm
mils
Unsawn Wafer – On request
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
N/A – Bare Si
Page 1 of 5
www.siliconsupplies.com


Similar Part No. - 74ACT02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT02 STMICROELECTRONICS-74ACT02 Datasheet
190Kb / 8P
QUAD 2-INPUT NOR GATE
Apr-2001
logo
Fairchild Semiconductor
74ACT02 FAIRCHILD-74ACT02 Datasheet
103Kb / 7P
Quad 2-Input NOR Gate
logo
STMicroelectronics
74ACT02B STMICROELECTRONICS-74ACT02B Datasheet
190Kb / 8P
QUAD 2-INPUT NOR GATE
Apr-2001
74ACT02M STMICROELECTRONICS-74ACT02M Datasheet
190Kb / 8P
QUAD 2-INPUT NOR GATE
Apr-2001
logo
Fairchild Semiconductor
74ACT02MTC FAIRCHILD-74ACT02MTC Datasheet
103Kb / 7P
Quad 2-Input NOR Gate
More results

Similar Description - 74ACT02

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com