Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS700 Datasheet(PDF) 2 Page - DFI Inc

Part # FS700
Description  NXP i.MX6 Series Qseven
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

FS700 Datasheet(HTML) 2 Page - DFI Inc

  FS700 Datasheet HTML 1Page - DFI Inc FS700 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PROCESSOR
• NXP i.MX 6 series processors
- i.MX6Q: i.MX 6Quad, up to 1.0GHz, Four Cortex-A9 cores
- i.MX6D: i.MX 6Dual, up to 1.0GHz, Two Cortex-A9 cores
- i.MX6L: i.MX 6DualLite, up to 1.0GHz, Two Cortex-A9 cores
- i.MX6S: i.MX 6Solo, up to 1.0GHz, One Cortex-A9 core
SYSTEM MEMORY
• 1GB/2GB DDR3 memory down
ONBOARD GRAPHICS FEATURES
• Supports HDMI and LVDS interfaces
• HDMI: HDMI v1.4, resolution up to 1920x1200 @ 60Hz
• LVDS: 18/24-bit
- One port up to 165 Mpixels/sec (e.g. 2560x1600 @ 60Hz)
- Two ports up to 85 Mpixels/sec (e.g. WUXGA+ @ 60Hz) each
• Built-in Video, 2D graphics and 3D graphics processors
• Supports OpenCL, OpenVG 1.1 and 1080p/720p decoder/encoder
ONBOARD AUDIO FEATURES
• Supports I2S interface
ONBOARD LAN FEATURES
• One Atheros AR8033 Ethernet PHY
• Supports 10Mbps, 100Mbps and 1Gbps data transmission
SERIAL ATA (SATA) INTERFACE
• Supports 1 SATA 2.0 interface (Quad and Dual processors only)
• SATA speed up to 3Gb/s (SATA 2.0)
eMMC
• Supports 4GB (standard), 8GB and 16GB eMMC onboard
microSD
• 1 microSD socket
WATCHDOG TIMER
• Software programmable
EXPANSION INTERFACES
• Supports 4 USB 2.0 interfaces
• Supports 1 USB OTG (Type B) interface
• Supports 1 PCIe x1 interface
• Supports 1 RS232 serial interface
• Supports 2 I2C interfaces
• Supports CAN-bus (Controller-Area Network) interface
• Supports SDIO interface
POWER
• Input: 5V
POWER CONSUMPTION
• Under 5W @ 5V
OS SUPPORT
• LTIBLinux 3.0.35
• Android 4.3 (Default Preloaded)
- Quad, Dual and DualLite processors only
• Android 5.1
TEMPERATURE
• Operating:
: 0oC to 60oC - DualLite, Solo
: -20oC to 70oC - Quad, Dual
• Storage: -30oC to 80oC
HUMIDITY
• 5% to 90%
PCB
• Dimensions
- Qseven form factor
- 70mm (2.76") x 70mm (2.76")
• Compliance
- Qseven specification revision 1.2
NXP i.MX6 Series
Qseven
Specifications
FS700
Optional Items
Ordering Information
* Optional and is not supported in standard model. Please contact your sales representative for more information.
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © June 07, 2021 DFI Inc.
Packing List
• 1 FS700-M60 board
• Q7A-551 carrier board kit: 770-Q7A551-000G
• WM-240 WiFi kit: 761-110092-000G
• UC20 Mini-PCIe UMTS/HSPA+ Module: 612-110040-600G
• 1 Heat spreader (for temperature -20°C to 70°C only):
A71-010028-000G
More configurations are available for ODM project. Please contact your sales representative for more information.
Model Name
Part Number
Description
FS700-M60-6Q2081
770-FS7002-IF0G
Freescale, NXP i.MX 6Quad, 2GB DDR3 memory onboard, 8GB eMMC, 1 SATA 2.0, -40 to 85C
FS700-M60-6D2041
770-FS7002-600G
Freescale, NXP i.MX 6Dual, 2GB DDR3 memory onboard, 4GB eMMC, 1 SATA 2.0, 0 to 60C
FS700-M60-6L2041
770-FS7002-4B0G
Freescale, NXP i.MX 6DualLite, 2GB DDR3 memory onboard, 4GB eMMC, 1 SATA 2.0, 0 to 60C
FS700-M60-6S1041
770-FS7002-500G
Freescale, NXP i.MX 6Solo, 1GB DDR3 memory onboard, 4GB eMMC, 1 SATA 2.0, 0 to 60C
FS700-M60-6L2081
770-FS7002-1B0G
Freescale, NXP i.MX DualLite, 2GB DDR3 memory onboard, 8GB eMMC, 1 SATA 2.0, 0 to 60C
FS700-M60-6D2041
770-FS7002-6F0G
Freescale, NXP i.MX 6Dual, 2GB DDR3 memory onboard, 4GB eMMC, 1 SATA 2.0, 0 to 60C
FS700-M60-6Q2081
770-FS7002-700G
Freescale, NXP i.MX 6Quad, 2GB DDR3 memory onboard, 8GB eMMC, 1 SATA 2.0, 0 to 60C
FS700-M60-6L2041
770-FS7002-K00G
Freescale, NXP i.MX 6DualLite, 2GB DDR3 memory onboard, 4GB eMMC, 1 SATA 2.0, 0 to 60C
*6S1041, 6L2041 (-20oC to 70oC) are supported upon request with MOQ requirement.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com