Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS700 Datasheet(PDF) 1 Page - DFI Inc

Part # FS700
Description  NXP i.MX6 Series Qseven
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

FS700 Datasheet(HTML) 1 Page - DFI Inc

  FS700 Datasheet HTML 1Page - DFI Inc FS700 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Drawing
Block Diagram
FS700
NXP i.MX6 Series
Qseven
Features
BOTTOM
TOP
eMMC
DDR3
DDR3
eMMC
DDR3
DDR3
microSD
NXP
i.MX6 series
MEMORY
1GB/2GB DDR3 memory down
DISPLAY OUTPUTS 1 HDMI, 2 LVDS
EXPANSION
1 PCIe x1
2 I2C, 1 CAN-bus
4 USB 2.0, 1 USB OTG
1 SATA 2.0
eMMC onboard, 1 microSD
1 SDIO
1 RS232
LAN
1 LAN
DIMENSIONS
Qseven R1.2
70mm x 70mm (2.76" x 2.76")
CAN-bus
Top View
0.00
18.00
52.00
70.00
3.95
11.53
66.06
3.00
67.00
38.92
Bottom View
DDR3
NXP
i.MX6
24 bits LVDS
Backlight
I2C 2
HDMI
USB OTG
SDIO (SD3)
SATA
CAN Bus
PCIe
24 bits LVDS
HDA (I2S)
USB Hub
USB 0-3
USB
eMMC
micro SD
SD4
SD2
Sensor
I2C
Camera
MIPI CSI
UART1
GLAN PHY
RGMII
MDI
SPI 1
UART5
Power ON
Reset
Power
PMIC
Power
SD/MMC
ARM
DDR3


Similar Part No. - FS700

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS70KM-06 MITSUBISHI-FS70KM-06 Datasheet
42Kb / 4P
HIGH-SPEED SWITCHING USE
logo
Powerex Power Semicondu...
FS70KM-06 POWEREX-FS70KM-06 Datasheet
47Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FS70KM-06 RENESAS-FS70KM-06 Datasheet
173Kb / 7P
High-Speed Switching Use Nch Power MOS FET
logo
Inchange Semiconductor ...
FS70KM-06 ISC-FS70KM-06 Datasheet
280Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
FS70KM-06-A8 RENESAS-FS70KM-06-A8 Datasheet
173Kb / 7P
High-Speed Switching Use Nch Power MOS FET
More results

Similar Description - FS700

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-7420 ADVANTECH-ROM-7420_15 Datasheet
927Kb / 2P
Freescale ARM Cortex-A9 i.MX6 Qseven Module
RSB-4411 ADVANTECH-RSB-4411 Datasheet
726Kb / 2P
NXP ARM Cortex-A9 i.MX6 3.5" SBC
logo
DFI Inc
FS053 DFI-FS053 Datasheet
1Mb / 2P
NXP i.MX6 Series 2.5" Pico-ITX
FS051 DFI-FS051 Datasheet
1Mb / 2P
NXP i.MX6 Series 2.5" Pico-ITX
F8700 DFI-F8700 Datasheet
661Kb / 2P
NXP i.MX8X Series Qseven
logo
Advantech Co., Ltd.
RSB-3410 ADVANTECH-RSB-3410_V01 Datasheet
3Mb / 4P
NXP ARM짰 Cortex짰-A9 i.MX6 2.5
7-Jul-2021
RSB-4410 ADVANTECH-RSB-4410_V01 Datasheet
3Mb / 4P
NXP ARM짰 Cortex짰-A9 i.MX6 3.5
7-Jul-2021
RSB-4411 ADVANTECH-RSB-4411_V01 Datasheet
3Mb / 4P
NXP ARM짰 Cortex짰-A9 i.MX6 3.5
7-Jul-2021
ROM-7420 ADVANTECH-ROM-7420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
ROM-7421 ADVANTECH-ROM-7421 Datasheet
3Mb / 4P
NXP ARM Cortex-A9 i.MX6 Qseven 2.0 Module
21-Jun-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com