Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GH9A3-T40-R16 Datasheet(PDF) 2 Page - DFI Inc

Part # GH9A3-T40-R16
Description  AMD® Ryzen™ R1000 Series Processor COM Express® Mini
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

GH9A3-T40-R16 Datasheet(HTML) 2 Page - DFI Inc

  GH9A3-T40-R16 Datasheet HTML 1Page - DFI Inc GH9A3-T40-R16 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SYSTEM
Processor
AMD® Ryzen™ Embedded R1606G, Dual Core, 1MB Cache, 3 CU, 2.6GHz (3.5GHz), 12W
AMD® Ryzen™ Embedded R1505G, Dual Core, 1MB Cache, 3 CU, 2.4GHz (3.3GHz), 12W
AMD® Ryzen™ Embedded R1000 series
Memory
4GB/8GB Memory Down
Single Channel DDR4 2400MHz
BIOS
SPI 64Mbit (default supports fTPM2.0)
GRAPHICS
Controller
Radeon™ Vega 3 Graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1, WMV9, JPEG/MJPEG, HEVC/H.265, VP8, VP9, MVC
HW Encode: AVC/H.264, JPEG/MJPEG, HEVC/H.265, VP8, VP9, MVC
Display
1 x DDI (HDMI/DP++)
1 x LVDS/eDP
LVDS: single channel 24-bit, resolution up to 1366x768 @ 60Hz
HDMI: resolution up to 4096x2160 @ 24Hz
DP++: resolution up to 3840x2160 @ 60Hz
eDP: resolution up to 3840x2160 @ 60Hz
Dual Display
DDI + LVDS
DDI + eDP
EXPANSION
Interface
3 x PCIe x1 (Gen 3)
1 x SDIO
1 x LPC
1 x I2C
1 x SMBus
1 x SPI
2 x UART (TX/RX)
AUDIO
Interface
HD Audio
ETHERNET
Controller
Realtek RTL8111/RTL8119 (Option)
I/O
USB
2 x USB 3.1
8 x USB 2.0
SATA
2 x SATA 3.0 (up to 6Gb/s)
GPIO
1 x 8-bit GPIO
SECURITY
TPM
BIOS default support FTPM, TPM2.0 by request.
WATCHDOG TIMER Output & Interval System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Type
4.75V~20V, 5VSB, VCC_RTC (ATX mode)
4.75V~20V, VCC_RTC (AT mode)
Consumption
Typical : R1606G : 5V @ 2.71A (13.55W)
Max : R1606G : 5V @ 5.52A (27.6W)
OS SUPPORT
(UEFI ONLY)
Windows 10 IoT Enterprise 64-bit
Linux
ENVIRONMENT
Temperature
Operating: 0 to 60°C
-40 to 85°C
Storage: -40 to 85°C
Humidity
Operating: 5 to 90% RH
Storage: 5 to 90% RH
MTBF
327,852 hrs @25C ; 162,213 hrs @45C ; 89,021 hrs @60C
Calculation Model : Telcordia Issue 4
Environment : GB, GC – Ground Benign, Controlled
MECHANICAL
Dimensions
COM Express® Mini
84mm (3.30") x 55mm (2.16")
Compliance
PICMG COM Express® R3.0, Type 10
GH9A3
Specifications
Packing List
Optional Items
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 29, 2023 DFI Inc.
• 1 GH9A3 board
• 1 Heat sink (for 0 to 60°C)
A71-008164-000G
• 1 Cooler (for -40 to 85°C)
A71-108133-000G
• COM100-B Carrier Board Kit
770-COM104-000G
• COM335 Carrier Board Kit
770-CM3351-000G
Ordering Information
Model Name
P/N
Processor Memory
DIO/SDIO LVDS/eDP GbE USB 3.0 USB 2.0 Power Thermal Temp.
GH9A3-B40-R15
770-GH9A31-000G
R1505G
4G
DIO
LVDS
1
2
8
ATX/AT Heat Sink 0 to 60oC
GH9A3-T40-R16
770-GH9A31-100G
R1606G
4G
DIO
LVDS
1
2
8
ATX/AT Cooler
-40 to 85oC
GH9A3-T80-R16
770-GH9A31-200G
R1606G
8G
SDIO
LVDS
1
2
8
ATX/AT Cooler
-40 to 85oC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com