Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GH9A3-T40-R16 Datasheet(PDF) 1 Page - DFI Inc

Part # GH9A3-T40-R16
Description  AMD® Ryzen™ R1000 Series Processor COM Express® Mini
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

GH9A3-T40-R16 Datasheet(HTML) 1 Page - DFI Inc

  GH9A3-T40-R16 Datasheet HTML 1Page - DFI Inc GH9A3-T40-R16 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Block Diagram
Mechanical Drawing
GH9A3
AMD® Ryzen™ R1000 Series Processor
COM Express® Mini
Features
AMD Embedded
R1000 FP5 APU
AMD Family 17h
Model 10h-1Fh
(12W~25W)
14 nm FinFET
(Great Horned Owl)
SATA Gen 3_GPP 6~7
HD Audio
PCIe GPP 0/1/4
SPI BUS
Lidless BGA
25 x 35 mm
Ball count 1140
DDI_PD / DP++
DDI Port 0
LVDS Port A/eDP
DDI P1
PTN3460
LVDS
SATA Port 0~1
HDA
PCIe L0~2
(3x1,1x2+1x1)
LAN Port
SPI Flash BIOS
eSPI to LPC
Bridge
LPC BUS
USB 3.1 Port 0~1
Embedded
Controller
EC8528VG
USB 2.0 Port 5~7
LPC BUS
WDT
12C BUS
12C Backup
EEPROM
(OPTION)
eSPL/LPC Bus
12C BUS
8bit DIO
MEMORY DOWN
4G & 8G up to 2400MHz
Channel A
DDR4
x16
eMMC 5.0
(optional)
EMMC Bus
PCIe GPP5
GbE LAN
MDI
USB 3.1 GEN2 P 1~2
USB 2.0 Port 0~4
USB 2.0 P 0~4
USB 2.0 P5
USB HUB
USB2514
USB2.0_DNP1~3
Serial Port 1.2
SLP/LID
Fan PWM/TACH IN
SMBUS
(OPTION)
SPI
SMBus
GPIO 8Bit
4 In/4 Out
FP5 APU
4BIT GPO
[AGPIO 68/7/8/9]
4bit GPI w/Interrupt
[AGPIO 84/115/86/90]
(Dafault 4G)
DDR4
x16
DDR4
x16
DDR4
x16
SV12
Wide
Temperature
-400C
850C
SATA 3.0
• Single Channel DDR4 2400MHz Memory Down up to 8GB
• 1 LVDS/eDP, 1 DDI (HDMI/DP)
Supports dual displays: DDI + LVDS/eDP
• DP++ resolution supports up to 3840x2160 @ 60Hz
• Multiple expansions: 3 PCIe x1
• Rich I/O: 1 GbE, 2 USB 3.1, 8 USB 2.0
onboard
R1000
R
Type
DDR4
3.0
10
eMMC
BOTTOM
TOP
AMD Ryzen™
R1000
Series
DDR4
DDR4


Similar Part No. - GH9A3-T40-R16

ManufacturerPart #DatasheetDescription
logo
DFI Inc
GH960 DFI-GH960 Datasheet
1Mb / 2P
AMD® Ryzen™ V1000/R1000 Series Processor COM Express® Basic
GH960-BS-R1505G DFI-GH960-BS-R1505G Datasheet
1Mb / 2P
AMD® Ryzen™ V1000/R1000 Series Processor COM Express® Basic
GH960-BS-V1202B DFI-GH960-BS-V1202B Datasheet
1Mb / 2P
AMD® Ryzen™ V1000/R1000 Series Processor COM Express® Basic
GH960-BS-V1605B DFI-GH960-BS-V1605B Datasheet
1Mb / 2P
AMD® Ryzen™ V1000/R1000 Series Processor COM Express® Basic
GH960-TS-R1606G DFI-GH960-TS-R1606G Datasheet
1Mb / 2P
AMD® Ryzen™ V1000/R1000 Series Processor COM Express® Basic
More results

Similar Description - GH9A3-T40-R16

ManufacturerPart #DatasheetDescription
logo
DFI Inc
DT122-GH DFI-DT122-GH Datasheet
963Kb / 5P
AMD Ryzen V1000/R1000 Series Desktop Box PC
GHF51 DFI-GHF51 Datasheet
760Kb / 2P
AMD Ryzen Embedded R1000 Series 1.8" SBC
logo
Advantech Co., Ltd.
DPX-S450 ADVANTECH-DPX-S450 Datasheet
1Mb / 2P
AMD Ryzen™ Embedded V1000/R1000 Gaming Platform
29-Jul-2020
SOM-6872 ADVANTECH-SOM-6872 Datasheet
4Mb / 6P
AMD Embedded Ryzen V2000 COM Express® Compact Type 6
29-Jul-2022
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
SOM-7583 ADVANTECH-SOM-7583 Datasheet
434Kb / 2P
11th Gen. Intel® Core™ Processor U-Series (Code Name: Tiger Lake-UP3) COM Express® Mini Type 10
12-Apr-2022
logo
AAEON Technology
NANOCOM-APL-B10 AAEON-NANOCOM-APL-B10 Datasheet
604Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel® Atom™/Celeron®/Pentium®Processor
2022/12/02
NANOCOM-APL AAEON-NANOCOM-APL Datasheet
585Kb / 2P
COM Express Type 10 CPU Module with Onboard Intel® Atom™/Celeron®/Pentium®Processor
2022/12/02
NANOCOM-TGU AAEON-NANOCOM-TGU Datasheet
416Kb / 2P
COM Express Type 10 with 11th Generation Intel® Core™ Processor
2022/12/05
logo
BCM Advanced Research.
ESM-APLM BCM-ESM-APLM Datasheet
603Kb / 1P
Intel® Celeron®/ Pentium® SoC Processor COM Express Mini Size Type 10 Module
2021/07/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com