Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM840-RNF Datasheet(PDF) 2 Page - DFI Inc

Part # GM840-RNF
Description  AMD® Ryzen™ V2000 Series Processors Gaming Embedded System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

GM840-RNF Datasheet(HTML) 2 Page - DFI Inc

  GM840-RNF Datasheet HTML 1Page - DFI Inc GM840-RNF Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.dfi.com
DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your
sales representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © October 10, 2024 DFI Inc.
SPECIFICATION
SYSTEM
Processor
AMD® Ryzen™ V2000 Series Processors, BGA V2748
AMD® Ryzen™ V2748, 8C/16T, 4MB Cache, 7 CU, 2.9GHz (4.25GHz),45W
AMD® Ryzen™ V2546, 6C/12T, 3MB Cache, 6 CU, 3.0GHz (3.95GHz),45W
AMD® Ryzen™ V2718, 8C/16T, 4MB Cache, 7 CU, 1.7GHz (4.15GHz),15W
AMD® Ryzen™ V2516, 6C/12T, 3MB Cache, 6 CU, 2.1GHz (3.95GHz),15W
Memory
Two 260-pin SODIMM up to 64GB
Dual channel DDR4 up to 3200MHz (ECC/ non ECC support)
BIOS
AMI BIOS
GRAPHICS
Controller
AMD® RadeonTM VEGA7 Graphics
Feature
OpenGL 4.6, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265, VP8, VP9
Display
4 x DP++
DP++: resolution up to 4096x2160 @ 60Hz
Quad Displays
4 x DP++
STORAGE
Interface
2 x SATA 3.0
1 x 2.5” SSD Bay
EXPANSION
Interface
1 x M.2 2280 M Key (SATA 3.0/ PCIe x4) (support 2242 by BOM opt.)
AUDIO
Audio Codec
Realtek ALC888S-VD2-GR
ETHERNET
Controller
2 x Realtek RTL8119-CG (10/100/1000Mbps)
LED
Indicators
1 x Power LED
1 x HDD LED
I/O
Ethernet
2 x GbE (RJ-45)
Serial
1 x RS-232/422/485 (DB-9)
1 x Full RS-232 (DB-9)
4 x RS-232 (TX,RX) (DB-9)
2 x RS-232 (TX,RX)/ccTalk (Microfit)
USB
2 x USB 3.1 Gen1
6 x USB 2.0
Display
4 x DP++
Audio
1 Audio Jack ( Line-in/Line-out/Mic-in)
S/PDIF Out (internal header)
Cooling
1 x 8cm System Fan, with replaceable air filter
WATCHDOG TIMER Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
GAMING
Intrusion Detection
8 x Intrusion detection
Operates With and Without AC Power
Logs Date/ Time of latest 64 events
Coin Battery backup to Retain Data for 5 years during AC off
NVRAM
Supports up to 16Mbyte
Coin Battery backup to Retain Data for 5 years during AC off
Support Battery voltage monitoring & Warning
DI/DO
32-bit Digital Input
32-bit OC output (29-bit x 500mA, disconnect detection up to 8 meters; 3-bit x 3A)
iButton
Support iButton 1-wire protocol
SECURITY
TPM
TPM 2.0
POWER
Type
12V DC IN
Connector
DC-in Jack or Right Angle Connector (4-pin)
OS SUPPORT
Microsoft
Windows IoT Enterprise 10 LTSB
Linux
Linux Ubuntu 20.04
Software
Supplied with gaming function SDK
ENVIRONMENT
Operating Temperature 0~45°C
Storage Temperature
-20~85°C
Relative Humidity
5%~90%
MECHANISM
Mounting
Wall Mount
Dimensions (W x H x D) 220 x 125 x 200 mm
Weight
2.9 kg
STANDARDS AND
CERTIFICATIONS
Shock
Operation:
IEC 60068-2-27 Test Ea: Shock test
Half-sine, 3G @ 11ms, 18 Shock ±X, ±Y, ±Z (each axis 3 times)
Non-Operation:
IEC 60068-2-27 Test Ea: Shock test
Half-sine, 5G @ 11ms, 18 Shock ±X, ±Y, ±Z (each axis 3 times)
Vibration
Operation:
IEC 60068-2-64 Test Fh: Vibration Board-Band Random Test
Random,1Grms @ 5~500 Hz, 30min.
Non-Operation:
IEC 60068-2-6 Test Fc: Vibration Sinusoidal Test
Sweep sine, 2Grms @ 10~500Hz, 30min.
Certifications
CE, FCC class A (ongoing)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com