Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM840-RNF Datasheet(PDF) 1 Page - DFI Inc

Part # GM840-RNF
Description  AMD® Ryzen™ V2000 Series Processors Gaming Embedded System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

GM840-RNF Datasheet(HTML) 1 Page - DFI Inc

  GM840-RNF Datasheet HTML 1Page - DFI Inc GM840-RNF Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AMD® Ryzen™ V2000 Series Processors
Gaming Embedded System
GM840-RNF
KEY FEATURES
Powerful Computing Processor
AMD® Ryzen™ V2000 Series Processors
Superior Graphic Engine
Support 4 DP++ (up to 4096x2160@60Hz)
Design for Gaming system
·
Retain NVRAM Data for 5 Years during AC off
·
8 Intrusion Detection, 32 x DIDO, 8 x Meter,
iButton x1, cctalk x2
High Security
Jurisdiction BIOS, RSA & Hash Verification


Similar Part No. - GM840-RNF

ManufacturerPart #DatasheetDescription
logo
DFI Inc
GM841-HPF DFI-GM841-HPF Datasheet
1,015Kb / 3P
AMD® Ryzen™ Embedded 8000 Series Gaming Embedded System
logo
Guilin Strong Micro-Ele...
GM846 GSME-GM846 Datasheet
350Kb / 3P
NPN General Purpose Transistor
More results

Similar Description - GM840-RNF

ManufacturerPart #DatasheetDescription
logo
DFI Inc
GM330-BFF DFI-GM330-BFF Datasheet
832Kb / 4P
AMD Embedded G-Series Processor Gaming Embedded System
logo
Advantech Co., Ltd.
DPX-E140 ADVANTECH-DPX-E140 Datasheet
1,003Kb / 2P
AMD Ryzen™ Embedded V-Series Gaming Platform
10-Nov-2021
DPX-J100 ADVANTECH-DPX-J100 Datasheet
1Mb / 2P
AMD Ryzen™ Embedded V & R Series Gaming Platform
20-Jul-2022
DPX-S2450 ADVANTECH-DPX-S2450 Datasheet
1Mb / 2P
High Performance AMD Ryzen™ Embedded V1000/R1000 Multi-Screen Gaming Platform
2-Sep-2020
DPX-S450 ADVANTECH-DPX-S450 Datasheet
1Mb / 2P
AMD Ryzen™ Embedded V1000/R1000 Gaming Platform
29-Jul-2020
DPX-S451 ADVANTECH-DPX-S451 Datasheet
996Kb / 2P
AMD Ryzen™ Embedded R2000 Gaming Platform
1-Jul-2022
SOM-6872 ADVANTECH-SOM-6872 Datasheet
4Mb / 6P
AMD Embedded Ryzen V2000 COM Express® Compact Type 6
29-Jul-2022
logo
AAEON Technology
DENEXT-V2K8 AAEON-DENEXT-V2K8 Datasheet
446Kb / 2P
86mm x 55mm Single Board with AMD Ryzen™ Embedded V2000 Series Processors
2023/03/24
PICO-V2K4-SEMI AAEON-PICO-V2K4-SEMI Datasheet
420Kb / 2P
PICO-SEMI with AMD RYZEN™ V2000 embedded Processor Family
2022/11/22
PICO-V2K4 AAEON-PICO-V2K4 Datasheet
534Kb / 2P
Pico-ITX Board with AMD RYZEN™ V2000 embedded Processor Family
2022/02/01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com