Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11864 Datasheet(PDF) 1 Page - Evolt

Part # 11864
Description  UMBRA CORE II DIFFUSED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EKTOR [Evolt]
Direct Link  ektor.com
Logo EKTOR - Evolt

11864 Datasheet(HTML) 1 Page - Evolt

  11864 Datasheet HTML 1Page - Evolt 11864 Datasheet HTML 2Page - Evolt 11864 Datasheet HTML 3Page - Evolt  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UMBRA CORE II DIFFUSED
Core II Diffused Batten, Power Selectable, Tri-CCT
Easy installation: new design makes it easy to install.
High Efficiency: up to 124lm/W for top energy savings.
Size Variety: Available in 600mm, 1200mm, 1500mm.
Customisable CCT: Select from 4000K, 5000K, 6500K.
Versatile Applications: EM and non-EM models available
for all needs.
Simplified Setup: Large terminal block for easier wiring.
Impact Resilient: Built to withstand daily use.
5-Year Warranty: Long-term reliability guaranteed.
ORDERING INFORMATION
Order code
11864
Description
Umbra Core 1200mm Diffused
Emergency LED Batten - Tri-CCT
Driver Type
Fixed output
Item Code
EV-UMBRA-CORE-II-
DIFF-1200-EM
EFFICIENCIES
Total System Efficiency
124 lm/W
The performance of each component of a luminaire is demonstrated through its
efficiencies, which together determine the total system efficiency of the
product. The output of the LED chip is first multiplied by the optical and thermal
efficiencies to calculate the Luminaire efficiency. However, this calculation does
not consider the driver efficiency. To determine the overall efficiency of the
system, the Luminaire efficiency must be multiplied by the driver efficiency,
which accounts for all losses in the system.
MECHANICAL
Body Material
Powder coated steel
Diffuser Material
Polycarbonate
Fitting Colour
White
IK Rating
IK08
Installation Type
Surface mount
IP Rating
IP20
ELECTRICAL
Electrical Rating
Class I
Input Current
0.16 A
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%. This effectively
means that the voltage range of these products are 216Vac - 253Vac or 240V
+6%
Maximum Wattage
36 W
Power Factor
0.9
Switch Type
Inline
Working Temp Range
0 to 40 °C
LAMP
Macadam Steps (SDCM)
5-step MacAdam Ellipse
CCT Configuration
TRI-CCT
Colour Rendering Index (CRI)
>80
LED LIFETIME
LED Lifetime
>60000 hrs
This is the Reported LED Lifetime in Hours based on TM-21. Ektor does not list
the projected or calculated LED lifetime, which is normally longer as TM-21
Addendum B explicitly states "The Calculated and Projected Lp(Dk) are not to be
reported". This Lifetime refers to the life of a single LED however the system life
is longer since the probability and binomial distribution of all LEDs in the system
means that the average led is performing above the specification and
compensates for the LEDs falling below.
Ambient Temp (°C)
25 °C
40 °C
L90B10
44000 hrs
44000 hrs
This rating defines the performance of the led within its lifetime. L relates to
lumen depreciation, where the proceeding number gives the resultant lumen
output at the end of it reported lifetime. L70, would mean 30% lumen
depreciation which means 70% of its initial output and is tested accordingly to
TM-21. The B part refers to failures, which can be define as the percentage of
LEDs which fall below the L value in the projected lifetime. A value of B10 refers
to 10% failure and a value of B50 refers to 50% failure. After the defined lifetime,
the system will reach the defined lumen depreciation and the average led
failures is defined by the B rating. The B rating is defined in and tested to
IEC62717.
1300 438 658
sales@evolt.com.au
ektor.com.au
© 2025 Evolt


Similar Part No. - 11864

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11864 ETC-11864 Datasheet
125Kb / 1P
Heyco짰 Nylon Male/Female Threaded Hex Supports
logo
Heyco.
11864 HEYCO-11864 Datasheet
123Kb / 1P
Nylon Male/Female Threaded Hex Supports
logo
PHOENIX CONTACT
1186431 PHOENIX-1186431 Datasheet
230Kb / 5P
Electronic housing - ECS-B-64X80-L-UV-NV GY
1186433 PHOENIX-1186433 Datasheet
221Kb / 5P
Electronic housing - ECS-B-64X80-S-UV-NV GY
1186435 PHOENIX-1186435 Datasheet
156Kb / 5P
Front plate - ECS-P-64X80-S-UV-B GY
More results

Similar Description - 11864

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3203 AD-ADP3203 Datasheet
153Kb / 12P
2-Phase IMVP-II & IMVP-III Core Controller for Mobile CPUs
ADP3422 AD-ADP3422 Datasheet
174Kb / 16P
IMVP-II-Compliant Core Power Controller for Mobile CPUs
REV.0
ADP3204 AD-ADP3204 Datasheet
1Mb / 16P
3-Phase IMVP-II and IMVP-III Core Controller for Mobile CPUs
REV.0
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
SILICON NPN TRIPLE DIFFUSED DIFFUSED
logo
NEC
ESD-R-47H NEC-ESD-R-47H Datasheet
1Mb / 31P
EMI Core
logo
Lucky Light Electronic
AL-12R6W0CWC-A2X LUCKY-LIGHT-AL-12R6W0CWC-A2X_15 Datasheet
252Kb / 6P
Yellow Diffused
logo
Suntan Capacitors
SKBPC25005 SUNTAN-SKBPC25005 Datasheet
829Kb / 4P
Diffused Junction
SKBPC35005 SUNTAN-SKBPC35005 Datasheet
804Kb / 4P
Diffused Junction
logo
Shenzhen Yixinwei Techn...
KBL400 YIXIN-KBL400 Datasheet
158Kb / 2P
Diffused Junction
logo
OSRAM GmbH
LU-5351 OSRAM-LU-5351 Datasheet
310Kb / 12P
colorless, diffused
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com